Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4015B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCC4015B
Description  RadHardened high voltage complementary MOS logic series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4015B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCC4015B Datasheet HTML 3Page - STMicroelectronics HCC4015B Datasheet HTML 4Page - STMicroelectronics HCC4015B Datasheet HTML 5Page - STMicroelectronics HCC4015B Datasheet HTML 6Page - STMicroelectronics HCC4015B Datasheet HTML 7Page - STMicroelectronics HCC4015B Datasheet HTML 8Page - STMicroelectronics HCC4015B Datasheet HTML 9Page - STMicroelectronics HCC4015B Datasheet HTML 10Page - STMicroelectronics HCC4015B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HCC4000B series
Package mechanical data
7/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.94
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.102
0.127
0.152
0.004
0.005
0.006
E
8.76
8.89
9.01
0.345
0.350
0.355
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.237
L
18.75
22.0
0.738
0.867
M
0.33
0.38
0.43
0.013
0.015
0.017
N
4.31
0.170
FPC-16 MECHANICAL DATA
0016030E
1
8
16
F
G
D
H
A
B
M
C
N
H
9
E
L


Similar Part No. - HCC4015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4015BD STMICROELECTRONICS-HCC4015BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4015BDG STMICROELECTRONICS-HCC4015BDG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4015BDT STMICROELECTRONICS-HCC4015BDT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4015B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC146818A MOTOROLA-MC146818A Datasheet
2Mb / 20P
   HIGH-PERFORMANCE SILIICON-GATE COMPLEMENTARY MOS
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
   COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
Motorola, Inc
MC14443 MOTOROLA-MC14443 Datasheet
166Kb / 5P
   Low-Power Complementary MOS
MC145429 MOTOROLA-MC145429 Datasheet
42Kb / 1P
   Low-Power Complementary MOS
MC14412 MOTOROLA-MC14412 Datasheet
288Kb / 6P
   Low-Power Complementary Mos
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
Motorola, Inc
MC142100 MOTOROLA-MC142100 Datasheet
59Kb / 1P
   Low-Power Complementary MOS
MC14495-1 MOTOROLA-MC14495-1 Datasheet
128Kb / 5P
   Low-Power Complementary Mos
MC14419 MOTOROLA-MC14419 Datasheet
543Kb / 4P
   Low-Power Complementary Mos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com