Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4012B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4012B
Description  RadHardened high voltage complementary MOS logic series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4012B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4012B Datasheet HTML 1Page - STMicroelectronics HCC4012B Datasheet HTML 2Page - STMicroelectronics HCC4012B Datasheet HTML 3Page - STMicroelectronics HCC4012B Datasheet HTML 4Page - STMicroelectronics HCC4012B Datasheet HTML 5Page - STMicroelectronics HCC4012B Datasheet HTML 6Page - STMicroelectronics HCC4012B Datasheet HTML 7Page - STMicroelectronics HCC4012B Datasheet HTML 8Page - STMicroelectronics HCC4012B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2006
Rev 1
1/13
13
HCC4000B series
RadHardened high voltage complementary MOS logic series
Features
20V max operating voltage
Bufferized inputs and outputs
Standardized symmetrical outputs
characteristic
50ns typical propagation delays
100nA max 25°C input current
20V quescient current, 100% tested
5-10-15V parametric testing
Available in hermetic Flat packages
Also available in DIL and DIE form upon
request
RadHard 100kRad TID at 11rad/sec dose rate
SEL-SEU immune to 72MeV/cm²/mg LET ions
Designed for space use: ESCC qualified
FM parts are delivered in accordance with
ESCC detail specifications, with ESCC
marking and ST + ESA logos
Engineering model parts meet same electrical
specifications as FM parts
Detailed Contractual ESCC detailed
specification for each Type shall be
downloaded from European Space Agency
web.site
Description
The HCC4000B series is composed of close to 80
monolithic types built with Metal Oxide
Complementary technology. It provides Designers
with high voltage noise tolerant complete Logic
series. It radiation hardness and immunity to
Heavy Ions make this series to be usable in the
most difficult environmental conditions.
FLAT14
FLAT16
FLAT20
DIL14
www.st.com


Similar Part No. - HCC4012B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4012B STMICROELECTRONICS-HCC4012B Datasheet
287Kb / 12P
   NAND GATES
HCC4012BC1 STMICROELECTRONICS-HCC4012BC1 Datasheet
287Kb / 12P
   NAND GATES
HCC4012BD STMICROELECTRONICS-HCC4012BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4012BEY STMICROELECTRONICS-HCC4012BEY Datasheet
287Kb / 12P
   NAND GATES
HCC4012BF STMICROELECTRONICS-HCC4012BF Datasheet
287Kb / 12P
   NAND GATES
More results

Similar Description - HCC4012B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC146818A MOTOROLA-MC146818A Datasheet
2Mb / 20P
   HIGH-PERFORMANCE SILIICON-GATE COMPLEMENTARY MOS
logo
Central Semiconductor C...
CMLT5554 CENTRAL-CMLT5554_15 Datasheet
510Kb / 3P
   COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
logo
Motorola, Inc
MC14443 MOTOROLA-MC14443 Datasheet
166Kb / 5P
   Low-Power Complementary MOS
MC145429 MOTOROLA-MC145429 Datasheet
42Kb / 1P
   Low-Power Complementary MOS
MC14412 MOTOROLA-MC14412 Datasheet
288Kb / 6P
   Low-Power Complementary Mos
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
Motorola, Inc
MC142100 MOTOROLA-MC142100 Datasheet
59Kb / 1P
   Low-Power Complementary MOS
MC14495-1 MOTOROLA-MC14495-1 Datasheet
128Kb / 5P
   Low-Power Complementary Mos
MC14419 MOTOROLA-MC14419 Datasheet
543Kb / 4P
   Low-Power Complementary Mos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com