Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7410ND Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 3Page - STMicroelectronics TDA7410ND Datasheet HTML 4Page - STMicroelectronics TDA7410ND Datasheet HTML 5Page - STMicroelectronics TDA7410ND Datasheet HTML 6Page - STMicroelectronics TDA7410ND Datasheet HTML 7Page - STMicroelectronics TDA7410ND Datasheet HTML 8Page - STMicroelectronics TDA7410ND Datasheet HTML 9Page - STMicroelectronics TDA7410ND Datasheet HTML 10Page - STMicroelectronics TDA7410ND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TDA7410ND
Pins description and connection diagram
7/34
2
Pins description and connection diagram
2.1
Connection diagram
Figure 2.
Connection diagram
2.2
Pin description
Pin Type:
I = input
O = Output
I/O = Input/Output
S = Supply
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CASS_R
CASS_L
CDR
CDG
CDL
AUX_R
AUX_L
AM
MPX
LEVEL
CREF
OUT_LF
OUT_RF
OUT_LR
OUT_RR
VDD
GND
SDA
SCL
MUTE
Table 2.
Pins list
Pin #
Function
Type
1
CASS_R
Cassette Input Right
I
2
CASS_L
Cassette Input Left
I
3
CDR
CD Right Channel Input
I
4
CDG
Ground reference CD
I
5
CDL
CD Left Channel Input
I
6
AUX_R
Aux Input Right
I
7
AUX_L
Aux Input Left Channel
I
8
AM
AM input
I
9
MPX
FM Input (MPX)
I
10
LEVEL
Level Input Stereodecoder
I
11
MUTE
Mute
I
12
SCL
I2C Clock Line
I
13
SDA
I2C Data Line
I/O
14
GND
Supply Ground
S
15
VDD
Supply Voltage
S
16
OUT_RR
Right Rear Speaker Output
O
17
OUT_LR
Left Rear Speaker Output
O
18
OUT_RF
Right Front Speaker Output
O
19
OUT_LF
Left Front Speaker Output
O
20
CREF
Reference Capacitor Pin
O


Similar Part No. - TDA7410ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
   CARRADIO SIGNAL PROCESSOR
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
   Car radio multimedia signal processor
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results

Similar Description - TDA7410ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7406 STMICROELECTRONICS-TDA7406 Datasheet
987Kb / 64P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com