Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT2016SWDNPRNP-V00-NOCX Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GT2016SWDNPRNP-V00-NOCX
Description  SPECIFICATIONS FOR LCD MODULE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GT2016SWDNPRNP-V00-NOCX Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GT2016SWDNPRNP-V00-NOCX Datasheet HTML 3Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 4Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 5Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 6Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 7Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 8Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 9Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 10Page - Jewel Hill Electronic GT2016SWDNPRNP-V00-NOCX Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
NC
No Connect
2
P/S
Interface Selection for Parallel or Serial
3
C86
Timing Selection for M6800 or I8080
4
CSB
Chip Selection Terminal
5
/RESET
Reset Signal Input Terminal
6
RS
Command/Data Register Selection Terminal
7
/WR
Write Signal Input or Read/Write Selection Terminal
8
/RD
Read Signal Input or Read/Write Enable Control Terminal
9
DB0
10
DB1
11
DB2
12
DB3
13
DB4
14
DB5
15
DB6
16
DB7
8-bit Bi-directional Data Bus Input/Output
17
VDD
Power Supply for Positive
18
VCI
Reference Voltage for DC/DC Circuit
19
VSS
Power Supply for Ground
20
VOUT
LCD Driving Voltage Output
21
CAP5+
Capacitance for DC/DC Voltage Converter Circuit
GT2016
VER: 1.0
- 6 -
Issue date: 2005/11/1201


Similar Part No. - GT2016SWDNPRNP-V00-NOCX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT20 ETC2-GT20 Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
logo
Jewel Hill Electronic
GT2001 JHE-GT2001 Datasheet
384Kb / 25P
   SPECIFICATIONS FOR LCD MODULE
GT2001HWDMNRNP-V00-NOCX JHE-GT2001HWDMNRNP-V00-NOCX Datasheet
384Kb / 25P
   SPECIFICATIONS FOR LCD MODULE
GT2001HWDMPRNP-V00-NOCX JHE-GT2001HWDMPRNP-V00-NOCX Datasheet
384Kb / 25P
   SPECIFICATIONS FOR LCD MODULE
GT2001HWDNNRNP-V00-NOCX JHE-GT2001HWDNNRNP-V00-NOCX Datasheet
384Kb / 25P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GT2016SWDNPRNP-V00-NOCX

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com