Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB320240BSYBAMUA-V02 Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GB320240BSYBAMUA-V02
Description  SPECIFICATIONS FOR LCD MODULE
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB320240BSYBAMUA-V02 Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GB320240BSYBAMUA-V02 Datasheet HTML 3Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 4Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 5Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 6Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 7Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 8Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 9Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 10Page - Jewel Hill Electronic GB320240BSYBAMUA-V02 Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
GB320240B
VER: 3.0
- 6 -
Issue date: 2006/08/04
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
7.1.1. INTERFACE WITH CONTROLLER
Pin No.
Symbol
Description
1
VSS
Power supply for Ground(0V)
2
VDD
Power supply for positive(+5V)
3
VO
Contrast adjustment voltage
4
/RD
Read signal
5
/WR
Write signal
6
A0
Data type select
7
DB0
8
DB1
9
DB2
10
DB3
11
DB4
12
DB5
13
DB6
14
DB7
8-bit bi-directional data bus
15
/CS
Chip signal
16
/RST
Reset signal
17
VLCD
Power supply voltage for LCD
18
FG
Frame GND
19
LEDA
Power Supply for LED Positive
20
LEDK
Power Supply for LED Negative


Similar Part No. - GB320240BSYBAMUA-V02

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB320240A JHE-GB320240A Datasheet
834Kb / 48P
   SPECIFICATIONS FOR LCD MODULE
GB320240AHGAAMUA-V01 JHE-GB320240AHGAAMUA-V01 Datasheet
834Kb / 48P
   SPECIFICATIONS FOR LCD MODULE
GB320240AHGAANUA-V01 JHE-GB320240AHGAANUA-V01 Datasheet
834Kb / 48P
   SPECIFICATIONS FOR LCD MODULE
GB320240AHGABMUA-V01 JHE-GB320240AHGABMUA-V01 Datasheet
834Kb / 48P
   SPECIFICATIONS FOR LCD MODULE
GB320240AHGABNUA-V01 JHE-GB320240AHGABNUA-V01 Datasheet
834Kb / 48P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB320240BSYBAMUA-V02

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com