Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC11F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC11F
Description  Triple 3-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC11F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC11F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC11F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHC11F/FN/FT
2007-10-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
6.1
8.8
1.0
10.5
3.3
± 0.3
50
8.6
12.3
1.0
14.0
15
4.1
5.9
1.0
7.0
Propagation delay
time
tpLH
tpHL
5.0
± 0.5
50
5.6
7.9
1.0
9.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
17
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/3 (per gate)
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC11F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F Datasheet
191Kb / 5P
   TRIPLE 3-INPUT AND GATE
TC74VHC11FN TOSHIBA-TC74VHC11FN Datasheet
191Kb / 5P
   TRIPLE 3-INPUT AND GATE
TC74VHC11FT TOSHIBA-TC74VHC11FT Datasheet
191Kb / 5P
   TRIPLE 3-INPUT AND GATE
TC74VHC11FT TOSHIBA-TC74VHC11FT_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
More results

Similar Description - TC74VHC11F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com