Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB19264ASYBANDA-V01 Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GB19264ASYBANDA-V01
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB19264ASYBANDA-V01 Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GB19264ASYBANDA-V01 Datasheet HTML 3Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 4Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 5Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 6Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 7Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 8Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 9Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 10Page - Jewel Hill Electronic GB19264ASYBANDA-V01 Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GB19264A
VER: 3.0
- 6 -
Issue date: 2006/08/03
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
DB7
2
DB6
3
DB5
4
DB4
5
DB3
6
DB2
7
DB1
8
DB0
8-bit bi-directional data bus
9
E
Read/write enable signal
10
R/W
Read/write selection signal; H: Read; L: Write
11
RS
Data/Command register selection signal; H: Data; L: Command
12
Vo
LCD driver voltage regulation pin
13
VDD
Power supply for positive (5V)
14
VSS
Power supply for Ground (0V)
15
CSB
Chip select Signal B
16
CSA
Chip select Signal A
17
VEE
Power supply for negative voltage
18
RET
Reset signal, Low level is active
19
LED+
power supply voltage for backlight positive
20
LED-
power supply voltage for backlight negative


Similar Part No. - GB19264ASYBANDA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB19264C JHE-GB19264C Datasheet
250Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264CHGAAMDA-V02 JHE-GB19264CHGAAMDA-V02 Datasheet
250Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264CHGAAMDB-V02 JHE-GB19264CHGAAMDB-V02 Datasheet
250Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264CHGAAMLA-V02 JHE-GB19264CHGAAMLA-V02 Datasheet
250Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264CHGAAMLB-V02 JHE-GB19264CHGAAMLB-V02 Datasheet
250Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB19264ASYBANDA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com