Part Name
         Description
SM06154450

 Electrical Specifications: Mechanical Specifications: ( 2 Page)


AMETHERM
100% 
Zoom Out Zoom In
   
 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SM06 154450
Resistance Temperature Curve:
Temperature
R@T/R@25
°C
-50
104.10
-45
71.21
-40
49.31
-35
34.55
-30
24.47
-25
17.52
-20
12.66
-15
9.242
-10
6.805
-5
5.053
0
3.783
5
2.855
10
2.172
15
1.665
20
1.286
25
1.000
30
0.7828
35
0.6166
40
0.4886
45
0.3895
50
0.3122
55
0.2517
60
0.2041
65
0.1663
70
0.1363
75
0.1122
80
0.0928
85
0.0771
90
0.0643
95
0.0539
100
0.0454
105
0.0383
110
0.0325
115
0.0276
120
0.0236
125
0.0202
130
0.0174
135
0.0150
140
0.0130
145
0.0113
150
0.0098



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM06103370Electrical Specifications: Mechanical Specifications: 1 AMETHERM Circuit Protection Thermistors
SM06104410Electrical Specifications: Mechanical Specifications: 1 AMETHERM Circuit Protection Thermistors
SM06104450Electrical Specifications: Mechanical Specifications: 1 2 AMETHERM Circuit Protection Thermistors
SM06154410Electrical Specifications: Mechanical Specifications: 1 AMETHERM Circuit Protection Thermistors
JZC-22F_05Suitable for household electrical appliances automation system electronic equipment instrument and meter application. 1 2 3 DB Lectro Inc
CD4148SWITCHING CHIP DIODE Mechanical Dimensions 1 2 3 4 First Components International
M10FF3ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS 1 Voltage Multipliers Inc.
N3753AADC6PSuitable for automatic control household electrical appliances and machinery electrical facilities. 1 2 DB Lectro Inc
SL225R006Mechanical Specifications 1 AMETHERM Circuit Protection Thermistors
LH77790BEmbedded Microcontroller Thermal & Electrical Specification 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl