Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB12864DHGBBNUA-V01 Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GB12864DHGBBNUA-V01
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB12864DHGBBNUA-V01 Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GB12864DHGBBNUA-V01 Datasheet HTML 3Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 4Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 5Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 6Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 7Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 8Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 9Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 10Page - Jewel Hill Electronic GB12864DHGBBNUA-V01 Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GB12864D
VER: 3.0
- 6 -
Issue date: 2006/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
VSS
Power supply for Ground (0V)
2
VDD
Power supply for positive (5V)
3
Vo
LCD driver voltage regulation pin
4
D/I
H: Data
L: Instruction
5
R/W
Read/write selection signal, R/W=”H”: Read; R/W=”L”: Write
6
E
Read/write Enable signal input pin
7
DB0
8
DB1
9
DB2
10
DB3
11
DB4
12
DB5
13
DB6
14
DB7
8-bit bi-directional data bus
15
CS1
Chip select 1, High level is active
16
CS2
Chip select 2, High level is active
17
RST
Reset signal input pin, Low level is active
18
VEE
Power supply for negative voltage
19
A
Power supply voltage for backlight positive
20
K
Power supply voltage for backlight negative


Similar Part No. - GB12864DHGBBNUA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB12864A JHE-GB12864A Datasheet
248Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864AHGAAMDA-V01 JHE-GB12864AHGAAMDA-V01 Datasheet
248Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864AHGAAMDB-V01 JHE-GB12864AHGAAMDB-V01 Datasheet
248Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864AHGAAMLA-V01 JHE-GB12864AHGAAMLA-V01 Datasheet
248Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864AHGAAMLB-V01 JHE-GB12864AHGAAMLB-V01 Datasheet
248Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB12864DHGBBNUA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com