Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB402AHYAAMUA-V01 Datasheet(PDF) 3 Page - Jewel Hill Electronic

Part # GB402AHYAAMUA-V01
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB402AHYAAMUA-V01 Datasheet(HTML) 3 Page - Jewel Hill Electronic

  GB402AHYAAMUA-V01 Datasheet HTML 1Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 2Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 3Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 4Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 5Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 6Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 7Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 8Page - Jewel Hill Electronic GB402AHYAAMUA-V01 Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
GB402A
VER: 3.0
- 2 -
Issue date: 2006/07/31
JEWEL HILL ELECTRONIC CO.,LTD.
LCM Number System
NUMBER OF CHAR. PER LINE
F: FSTN; X: OTHER
VERSION NUMBER: V00~V99
IC TYPE:
VIEWING DIRECTION:
TEMPERATURE RANGE:
BACKLIGHT TYPE:
SERIAL NUMBER: A~Z
GRAPHIC MODULEs: NUMBER OF COMMONs
GRAPHIC MODULEs:NUMBER OF SEGMENTs
COB & SMT LCM
BACKLIGHT COLOR:
CHARACTER MODULEs:
CHARACTER MODULEs: NUMBER OF LINE
G: REFLECTIVE,NONE BACKLIGHT
A: TRANSFLECTIVE, EL BACKLIGHT
B: TRANSMISSIVE, EL BACKLIGHT
C: TRANSFLECTIVE, LED BACKLIGHT
D: TRANSMISSIVE, LED BACKLIGHT
E: TRANSFLECTIVE, CCFL BACKLIGHT
F: TRANSMISSIVE, CCFL BACKLIGHT
A: AMBER; B: BLUE; Y: YELLOW-GREEN
R: RED;
W: WHITE; O: THER COLOR
N: NORMAL TEMPERATURE RANGE
U: UPPER(12:00); D: DOWN(6:00)
L: LEFT(9:00); R: RIGHT(3:00);
A: BONDING IC, WITH CONTROLLER
B: BONDING IC, WITHOUT CONTROLLER
C: SMT IC, WITH CONTROLLER
D: SMT IC, WITHOUT CONTROLLER
O: OTHER TYPE
W: BLACK-WHITE; O: OTHER
G: GRAY; Y: YELLOW-GREEN; B: BLUE;
LCD COLOR MODE:
N: TN; H: HTN; S: STN
LCD TYPE:
S: SUPER WIDE TEMPERATURE RANGE
W: WIDE TEMPERATURE RANGE
M: MIDDLE TEMPERATURE RANGE
GB 40 2 A S Y C Y N D A - V01


Similar Part No. - GB402AHYAAMUA-V01

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
GB402-N GOOD-ARK-GB402-N Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
GB402-P GOOD-ARK-GB402-P Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
logo
Thinki Semiconductor Co...
GB402N THINKISEMI-GB402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
GB402N THINKISEMI-GB402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - GB402AHYAAMUA-V01

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com