Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS9090B Datasheet(PDF) 3 Page - Micronas

Part # MAS9090B
Description  LOW VOLTAGE 14-BIT LINEAR CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9090B Datasheet(HTML) 3 Page - Micronas

  MAS9090B Datasheet HTML 1Page - Micronas MAS9090B Datasheet HTML 2Page - Micronas MAS9090B Datasheet HTML 3Page - Micronas MAS9090B Datasheet HTML 4Page - Micronas MAS9090B Datasheet HTML 5Page - Micronas MAS9090B Datasheet HTML 6Page - Micronas MAS9090B Datasheet HTML 7Page - Micronas MAS9090B Datasheet HTML 8Page - Micronas MAS9090B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DA9090B.001
January 14, 1998
3
PIN DESCRIPTION
Pin Name
Pin Number
Type
Function
MCLK
20
25
DI
Master clock input. Must be 512, 1536, 2048 or 2560 kHz
LO
21
26
DO
Value of bit DO of CR1.
MIC2-
22
30
AI
Negative differential input for MIC2.
MIC2+
23
31
AI
Positive differential input for MIC2.
MIC1-
24
33
AI
Negative differential input for MIC1.
MIC1+
25
34
AI
Positive differential input for MIC1.
GNDA
26
36
G
GNDA analog ground.
MIC3-
27
37
AI
Negative differential input for MIC3.
MIC3+
28
38
AI
Positive differential input for MIC3.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VCC
7.0
V
Voltage at MIC
VCC < 5.5V
-1
VCC+1
V
Current at any digital output
50
mA
Voltage at any digital input
VCC < 5.5V
-1
VCC+1
V
Storage Temperature
TS
-55
+125
°
C
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
3.0V mode (SV=0)
2.7
3.0
3.6
V
5.0V mode (SV=1)
4.5
5.0
5.5
v
Operating Temperature
TA
-30
+85
°
C
AC, TESTING INPUT, OUTPUT WAVEFORM
IN P U T /OUT P U T
0.8 V cc
0.2 V c c
0.7 V cc
0.3 V cc
test po ints
AC testing: inputs are driven at 0.8Vcc
for a logic ’1’ and 0.2Vcc for a logic ’0’.
Timing measurements are made at
0.7Vcc for a ’1’ and 0.3 Vcc for a ’0’.


Similar Part No. - MAS9090B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
   Stepper Motor Driver IC
More results

Similar Description - MAS9090B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
   LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
February 1996
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
ST5092 STMICROELECTRONICS-ST5092 Datasheet
272Kb / 29P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
STMicroelectronics
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com