Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX2244FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VCX2244FT
Description  Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2244FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCX2244FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX2244FT_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC74VCX2244FT/FK
2007-10-19
7
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable
Control (
OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High
VX
tf 2.0 ns
Figure 2 tpLH, tpHL
90%
10%
Output
(Y)
Input
(A)
VOL
VOH
VIH
VM
tpLH
tpHL
tr 2.0 ns
VM
GND
tf 2.0 ns


Similar Part No. - TC74VCX2244FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
319Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX2244FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com