Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1156-BSOT Datasheet(PDF) 4 Page - ams AG

Part # AS1156-BSOT
Description  Single/Dual LVDS Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1156-BSOT Datasheet(HTML) 4 Page - ams AG

  AS1156-BSOT Datasheet HTML 1Page - ams AG AS1156-BSOT Datasheet HTML 2Page - ams AG AS1156-BSOT Datasheet HTML 3Page - ams AG AS1156-BSOT Datasheet HTML 4Page - ams AG AS1156-BSOT Datasheet HTML 5Page - ams AG AS1156-BSOT Datasheet HTML 6Page - ams AG AS1156-BSOT Datasheet HTML 7Page - ams AG AS1156-BSOT Datasheet HTML 8Page - ams AG AS1156-BSOT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 15
AS1156/AS1154
austriamicrosystems
Data Sheet
DC Electrical Characteristics
6 Electrical Characteristics
DC Electrical Characteristics
(VCC = +3.0 to +3.6V, TA = -40 to +85°C , RL = 100Ω ±1%
Typical values are at VCC = +3.3V, TA = +25°C, Unless Otherwise Noted.) 1
Notes:
1. Currents into the device are positive, and current out of the device is negative. All voltages are referenced to
ground except VOD.
2. Guaranteed by correlation data.
Table 3. DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LVDS Output (OUtx+, OUTx-)
Differential Output Voltage
VOD
Figure 21 on page 11
250
355
450
mV
Change in Magnitude of VOD
Between Complementary Output
States
ΔVOD
Figure 21 on page 11
1
35
mV
Offset Voltage
VOS
Figure 21 on page 11
1.125
1.25
1.375
V
Change in Magnitude of VOS
Between Complementary Output
States
ΔVOS
Figure 21 on page 11
4
25
mV
Output High Voltage
VOH
1.6
V
Output Low Voltage
VOL
0.90
V
Differential Output Short-Circuit
Current 2
IOSD
VOD = 0V
-9
mA
Output Short-Circuit Current
IOS
OUTx+ = 0V at INx = VCC or
OUTx- = 0V at INx = 0V
-3.7
-9
mA
Power-Off Output Current
IOFF
VCC = 0V or open, OUTx+ = 0V or 3.6V
OUTx- = 0V or 3.6V, RL =
-20
20
µA
Inputs (INx)
High-Level Input Voltage
VIH
2.0
VCC
V
Low-Level Input Voltage
VIL
GND
0.8
V
Input Current
IIN
INx = 0V or VCC
-20
20
µA
Supply Current
No-Load Supply Current
ICC
RL =
, INx = VCC or 0V for all
channels
2
3.5
mA
Loaded Supply Current
ICCL
RL = 100
Ω, INx = VCC or 0V for all
channels,
AS1156
5.5
7.5
mA
RL = 100
Ω, INx = VCC or 0V for all
channels,
AS1154
8.5
12
mA


Similar Part No. - AS1156-BSOT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1156-BSOT AMSCO-AS1156-BSOT Datasheet
305Kb / 15P
   Single/Dual LVDS Driver
More results

Similar Description - AS1156-BSOT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1154 AMSCO-AS1154_1 Datasheet
305Kb / 15P
   Single/Dual LVDS Driver
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
   Dual LVDS Driver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
Texas Instruments
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
[Old version datasheet]   Automotive LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
   Automotive LVDS Dual Differential Driver
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
[Old version datasheet]   High Temperature LVDS Dual Differential Driver
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com