Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCXR164245FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCXR164245FT
Description  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR164245FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCXR164245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74LCXR164245FT
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
1
2
OE
1
1DIR
OE
2
2DIR
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1A8
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2A8
48
1
25
24
47
46
44
43
41
40
38
37
36
35
33
32
30
29
27
26
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1B8
2B1
2B2
2B3
2B4
2B5
2B6
2B7
2B8
2
3
5
6
8
9
11
12
13
14
16
17
19
20
22
23
G3
3 EN1 (BA)
3 EN2 (AB)
G6
6 EN4 (BA)
6 EN5 (AB)
4
5
(5 V) VCCB
OE
1
48
1A1
1A2
GND
47
46
45
44
43
42
1DIR
1
2
3
4
5
6
7
GND
1B3
1B4
(5 V) VCCB
1B5
1B6
1A3
8
9
10
1A5
1A6
GND
41
40
39
1A4
VCCA (3.3 V)
GND
1B1
1B2
1A7
38
1A8
2A1
2A2
37
36
35
34
33
32
1B7 11
12
13
14
15
16
17
2B2
GND
2B3
2B4
2B5
GND
18
19
20
VCCA (3.3 V)
2A5
2B6
31
30
29
2A3
2A4
2A6
1B8
2B1
28
21
GND
2B7
2B8
22
23
24
2A7
2A8
2DIR
27
26
25
GND
OE
2


Similar Part No. - TC74LCXR164245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
More results

Similar Description - TC74LCXR164245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com