Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX273F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX273F
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX273F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX273F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX273F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74LCX273F/FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
CLR
D
CK
Q
Function
L
X
X
L
Clear
H
L
L
H
H
H
H
X
Qn
No change
X: Don’t care
System Diagram
VCC
20
Q8
D8
D7
Q7
Q6
19
18
17
16
15
14
CLR
1
2
3
4
5
6
7
Q1
D1
D2
Q2
Q3
D3
D6
8
9
10
D4
Q4
GND
13
12
11
D5
Q5
CK
CLR
CK
Q1
1
11
3
2
Q2
4
5
Q3
7
6
Q4
8
9
Q5
13
12
Q6
14
15
Q7
17
16
Q8
18
19
R
CK Q
D
R
CK Q
D
R
CK Q
D
R
CK Q
D
R
CK Q
D
R
CK Q
D
R
CK Q
D
R
CK Q
D
D1
D2
D3
D4
D5
D6
D7
D8
(1)
(11)
(3)
(4)
(7)
(8)
(13)
(14)
(17)
(18)
(2)
(5)
(6)
(9)
(12)
(15)
(16)
(19)
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
D1
D2
D3
D4
D5
D6
D7
D8
1D
CK
CLR
R
C1


Similar Part No. - TC74LCX273F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX273FK TOSHIBA-TC74LCX273FK_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FW TOSHIBA-TC74LCX273FW Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX273F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com