Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2418TPN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2418TPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2418TPN Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F2418TPN Datasheet HTML 7Page - Texas Instruments MSP430F2418TPN Datasheet HTML 8Page - Texas Instruments MSP430F2418TPN Datasheet HTML 9Page - Texas Instruments MSP430F2418TPN Datasheet HTML 10Page - Texas Instruments MSP430F2418TPN Datasheet HTML 11Page - Texas Instruments MSP430F2418TPN Datasheet HTML 12Page - Texas Instruments MSP430F2418TPN Datasheet HTML 13Page - Texas Instruments MSP430F2418TPN Datasheet HTML 14Page - Texas Instruments MSP430F2418TPN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
MSP430x241x, MSP430x261x
MIXED SIGNAL MICROCONTROLLER
SLAS541A -- JUNE 2007 -- REVISED OCTOBER 2007
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
80
PIN
I/O
DESCRIPTION
P8.4
66
I/O
General-purpose digital I/O pin
P8.5
67
I/O
General-purpose digital I/O pin
P8.6/XT2OUT
68
O
General-purpose digital I/O pin/Output terminal of crystal oscillator XT2
P8.7/XT2IN
69
I
General-purpose digital I/O pin/Input port for crystal oscillator XT2. Only standard crystals can be
connected.
XT2OUT
52
O
Output terminal of crystal oscillator XT2
XT2IN
53
I
Input port for crystal oscillator XT2
RST/NMI
58
74
I
Reset input, nonmaskable interrupt input port, or bootstrap loader start (in flash devices).
TCK
57
73
I
Test clock (JTAG). TCK is the clock input port for device programming test and bootstrap loader start.
TDI/TCLK
55
71
I
Test data input or test clock input. The device protection fuse is connected to TDI/TCLK.
TDO/TDI
54
70
I/O
Test data output port. TDO/TDI data output or programming data input terminal.
TMS
56
72
I
Test mode select. TMS is used as an input port for device programming and test.
VeREF+/DAC0
10
10
I
Input for an external reference voltage/DAC12.0 output
VREF+
7
7
O
Output of positive terminal of the reference voltage in the ADC12
VREF--/VeREF--
11
11
I
Negative terminal for the reference voltage for both sources, the internal reference voltage, or an
external applied reference voltage
XIN
8
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
9
O
Output port for crystal oscillator XT1. Standard or watch crystals can be connected.
MSP430F261x devices only


Similar Part No. - MSP430F2418TPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2418TPN TI-MSP430F2418TPN Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2418TPN TI-MSP430F2418TPN Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2418TPN TI1-MSP430F2418TPN Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F2418TPN TI1-MSP430F2418TPN Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2418TPN TI1-MSP430F2418TPN Datasheet
2Mb / 120P
[Old version datasheet]   MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F2418TPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com