Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADUC812QS Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADUC812QS
Description  MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADUC812QS Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADUC812QS Datasheet HTML 1Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 2Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 3Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 4Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 5Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 6Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 7Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 8Page - Analog Devices EVAL-ADUC812QS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
REV. E
–5–
ADuC812
ADuC812BS
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
DIGITAL OUTPUTS
Output High Voltage (VOH)
2.4
2.4
V min
VDD = 4.5 V to 5.5 V
ISOURCE = 80 µA
4.0
2.6
V typ
VDD = 2.7 V to 3.3 V
ISOURCE = 20 µA
Output Low Voltage (VOL)
ALE,
PSEN, Ports 0 and 2
0.4
0.4
V max
ISINK = 1.6 mA
0.2
0.2
V typ
ISINK = 1.6 mA
Port 3
0.4
0.4
V max
ISINK = 8 mA
0.2
0.2
V typ
ISINK = 8 mA
Floating State Leakage Current
±10
±10
µA max
±1
±1
µA typ
Floating State Output Capacitance
10
10
pF typ
POWER REQUIREMENTS
14, 15, 16
IDD Normal Mode
17
43
25
mA max
MCLKIN = 16 MHz
32
16
mA typ
MCLKIN = 16 MHz
26
12
mA typ
MCLKIN = 12 MHz
83
mA typ
MCLKIN = 1 MHz
IDD Idle Mode
25
10
mA max
MCLKIN = 16 MHz
18
6
mA typ
MCLKIN = 16 MHz
15
6
mA typ
MCLKIN = 12 MHz
72
mA typ
MCLKIN = 1 MHz
IDD Power-Down Mode
18
30
15
µA max
55
µA typ
NOTES
1Specifications apply after calibration.
2Temperature range –40°C to +85°C.
3Linearity is guaranteed during normal MicroConverter core operation.
4Linearity may degrade when programming or erasing the 640 byte Flash/EE space during ADC conversion times due to on-chip charge pump activity.
5Measured in production at V
DD = 5 V after Software Calibration Routine at 25°C only.
6User may need to execute Software Calibration Routine to achieve these specifications, which are configuration dependent.
7The offset and gain calibration spans are defined as the voltage range of user system offset and gain errors that the ADuC812 can compensate.
8SNR calculation includes distortion and noise components.
9Specification is not production tested, but is supported by characterization data at initial product release.
10The temperature sensor will give a measure of the die temperature directly; air temperature can be inferred from this result.
11DAC linearity is calculated using:
Reduced code range of 48 to 4095, 0 to VREF range
Reduced code range of 48 to 3995, 0 to VDD range
DAC output load = 10 k
Ω and 50 pF.
12Flash/EE Memory Performance Specifications are qualified as per JEDEC Specification (Data Retention) and JEDEC Draft Specification A117 (Endurance).
13Endurance Cycling is evaluated under the following conditions:
Mode
= Byte Programming, Page Erase Cycling
Cycle Pattern
= 00H to FFH
Erase Time
= 20 ms
Program Time
= 100 µs
14I
DD at other MCLKIN frequencies is typically given by:
Normal Mode (VDD = 5 V):
IDD = (1.6 nAs
× MCLKIN) + 6 mA
Normal Mode (VDD = 3 V):
IDD = (0.8 nAs
× MCLKIN) + 3 mA
Idle Mode (VDD = 5 V):
IDD = (0.75 nAs
× MCLKIN) + 6 mA
Idle Mode (VDD = 3 V):
IDD = (0.25 nAs
× MCLKIN) + 3 mA
where MCLKIN is the oscillator frequency in MHz and resultant I DD values are in mA.
15I
DD currents are expressed as a summation of analog and digital power supply currents during normal MicroConverter operation.
16I
DD is not measured during Flash/EE program or erase cycles; I DD will typically increase by 10 mA during these cycles.
17Analog I
DD = 2 mA (typ) in normal operation (internal V REF, ADC, and DAC peripherals powered on).
18EA = Port0 = DV
DD, XTAL1 (Input) tied to DVDD, during this measurement.
Typical specifications are not production tested, but are supported by characterization data at initial product release.
Timing Specifications—See Pages 46–55.
Specifications subject to change without notice.
Please refer to User Guide, Quick Reference Guide, Application Notes, and Silicon Errata Sheet at www.analog.com/microconverter for additional information.


Similar Part No. - EVAL-ADUC812QS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADUC812QSZ AD-EVAL-ADUC812QSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
More results

Similar Description - EVAL-ADUC812QS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com