Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC812 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUC812
Description  MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC812 Datasheet(HTML) 4 Page - Analog Devices

  ADUC812_03 Datasheet HTML 1Page - Analog Devices ADUC812_03 Datasheet HTML 2Page - Analog Devices ADUC812_03 Datasheet HTML 3Page - Analog Devices ADUC812_03 Datasheet HTML 4Page - Analog Devices ADUC812_03 Datasheet HTML 5Page - Analog Devices ADUC812_03 Datasheet HTML 6Page - Analog Devices ADUC812_03 Datasheet HTML 7Page - Analog Devices ADUC812_03 Datasheet HTML 8Page - Analog Devices ADUC812_03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
REV. E
–4–
ADuC812
SPECIFICATIONS1, 2 (continued)
ADuC812BS
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
DAC AC CHARACTERISTICS
Voltage Output Settling Time
15
15
µs typ
Full-Scale Settling Time to
within 1/2 LSB of Final Value
Digital-to-Analog Glitch Energy
10
10
nV sec typ
1 LSB Change at Major Carry
REFERENCE INPUT/OUTPUT
REFIN Input Voltage Range
9
2.3/VDD
2.3/VDD
V min/max
Input Impedance
150
150
k
Ω typ
REFOUT Output Voltage
2.5 ± 2.5%
2.5 ± 2.5%
V min/max
Initial Tolerance @ 25°C
2.5
2.5
V typ
REFOUT Tempco
100
100
ppm/°C typ
FLASH/EE MEMORY PERFORMANCE
CHARACTERISTICS
12, 13
Endurance
10,000
Cycles min
50,000
50,000
Cycles typ
Data Retention
10
Years min
WATCHDOG TIMER
CHARACTERISTICS
Oscillator Frequency
64
64
kHz typ
POWER SUPPLY MONITOR
CHARACTERISTICS
Power Supply Trip Point Accuracy
±2.5
±2.5
% of Selected
Nominal Trip
Point Voltage
max
±1.0
±1.0% of Selected
Nominal Trip
Point Voltage
typ
DIGITAL INPUTS
Input High Voltage (VINH)
2.4
2.4
V min
XTAL1 Input High Voltage (VINH) Only
4
V min
Input Low Voltage (VINL)
0.8
0.8
V max
Input Leakage Current (Port 0,
EA)
±10
±10
µA max
VIN = 0 V or VDD
±1
±1
µA typ
VIN = 0 V or VDD
Logic 1 Input Current
(All Digital Inputs)
±10
±10
µA max
VIN = VDD
±1
±1
µA typ
VIN = VDD
Logic 0 Input Current (Port 1, 2, 3)
–80
–40
µA max
–40
–20
µA typ
VIL = 450 mV
Logic 1-0 Transition Current (Port 1, 2, 3)
–700
–500
µA max
VIL = 2 V
–400
–200
µA typ
VIL = 2 V
Input Capacitance
10
10
pF typ


Similar Part No. - ADUC812_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812BS AD-ADUC812BS Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
More results

Similar Description - ADUC812_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com