Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SB384FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SB384FU
Description  Single Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SB384FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SB384FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SB384FU
2007-10-19
2
Truth Table
Input
OE
Function
L
A port
= B port
H
Disconnect
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC switch voltage
VS
−0.5~7.0
V
Input diode current
IIK
−50
mA
Continuous channel current
IS
128
mA
Power dissipation
PD
200
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Switch voltage
VS
0~5.5
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
A
OE
B


Similar Part No. - TC7SB384FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB384FU TOSHIBA-TC7SB384FU Datasheet
97Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SB384FU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com