Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1065A Datasheet(PDF) 1 Page - International Rectifier

Part # IRPT1065A
Description  Power Module for 1 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1065A Datasheet(HTML) 1 Page - International Rectifier

  IRPT1065A Datasheet HTML 1Page - International Rectifier IRPT1065A Datasheet HTML 2Page - International Rectifier IRPT1065A Datasheet HTML 3Page - International Rectifier IRPT1065A Datasheet HTML 4Page - International Rectifier IRPT1065A Datasheet HTML 5Page - International Rectifier IRPT1065A Datasheet HTML 6Page - International Rectifier IRPT1065A Datasheet HTML 7Page - International Rectifier IRPT1065A Datasheet HTML 8Page - International Rectifier IRPT1065A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
page1
IRPT1065A
Power Module for 1 hp Motor Drives
IRPT1065A
PRELIMINARY
· 1 hp (0.75 kW) power output
Industrial rating at 150% overload for 1 minute
· 180-240V AC single-phase input, 50/60 Hz
· Single-phase rectifier bridge
· 3-phase, short circuit rated, ultrafast IGBT inverter
· HEXFRED ultrafast soft recovery freewheeling diodes
· Brake IGBT and diode
· Low inductance (current sense) shunts in positive
and negative DC rail
· NTC temperature sensor
· Pin-to-baseplate isolation 2500V rms
· Easy-to-mount two-screw package
· Case temperature range -25
°C to 125°C operational
Figure 2. The IRPT1065A power module within a motor
control system
Figure 1. IRPT1065A Power Module
IRPT1065A
Power
Module
PWM
generator
180-240V
single-phase input
Gate Driver Board
feedback
(non-isolated)
PD6.126


Similar Part No. - IRPT1065A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT1060A IRF-IRPT1060A Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT1060C IRF-IRPT1060C Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT1060D IRF-IRPT1060D Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT1060E IRF-IRPT1060E Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
More results

Similar Description - IRPT1065A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com