Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MZ541FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MZ541FK
Description  Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ541FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MZ541FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ541FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MZ541FK
2007-10-19
5
AC Test Circuit
AC Waveform
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
tpHZ, tpZH
GND
Open
6.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 2 tpLH, tpHL
90%
10%
Input
(A)
GND
2.7 V
tr 2.5 ns
tf 2.5 ns
1.5 V
Output
(Y)
VOL
VOH
1.5 V
tpLH
tpHL
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V
GND
2.7 V
1.5 V
tpHZ
tpZH
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High
VOL +
0.3 V
tr 2.5 ns
tf 2.5 ns


Similar Part No. - TC7MZ541FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MZ541FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_07 Datasheet
245Kb / 10P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_10 Datasheet
225Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCXZA240FT TOSHIBA-TC74LCXZA240FT Datasheet
233Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2014-03-01
TC74LCXZA244FT TOSHIBA-TC74LCXZA244FT Datasheet
227Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_07 Datasheet
242Kb / 9P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com