Part Name
         Description
TC7MZ540FK_07

 Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs ( 7 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 1 page
background image
TC7MZ540FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MZ540FK
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
The TC7MZ540FK is a high performance CMOS octal bus
buffer. Designed for use in 3.3 V systems, it achieves high speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5 V supply environment for
both inputs and outputs.
The TC7MZ540FK is an inverting 3-state buffer having two
active-low output enables. When either OE1 or OE2 are high, the
terminal outputs are in the high-impedance state. This device is
designed to be used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low voltage operation: VCC = 2.0~3.6 V
• High speed operation: tpd = 6.5 ns (max) (VCC = 3.0~3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Package: VSSOP (US20)
• Power down protection is provided on all inputs and outputs.
• Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 540 type.
Weight: 0.03 g (typ.)



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC7MZ240FK_07Low Voltage Octal Bus Buffer inverted with 5 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
TC7MZ244FK_07Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
54VCXH162245Rad hard low voltage CMOS 16-bit bus buffer transceiver 3-state with 3.6V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
TC7MZ245FK_07Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
74LCX574Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500_04Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16501_04Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC7MZ374FK_07Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA2244FK_07Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
74LCX374_06Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl