Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MP97FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MP97FK
Description  Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP97FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MP97FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC7MP97,98FT/FK
2007-10-19
4
Logic configrations(1/2)
Function
Input
Condition
TC7MP97
Logic symbol
TC7MP98
Logic symbol
FUNCTION
TABLE
MP97
AND
MP98
NAND
A=INPUT
B=L-Level
C=INPUT
Y=OUTPUT
Y
A
B
C
97
98
L
L
L
L
H
L
L
H
L
H
H
L
L
L
H
H
L
H
H
L
MP97
OR
MP98
NOR
A=H-Level
B=INPUT
C=INPUT
Y=OUTPUT
Y
A
B
C
97
98
H
L
L
L
H
H
L
H
H
L
H
H
L
H
L
H
H
H
H
L
MP97
Schmitt
INV+NOR
or
Schmitt
INV+AND
MP98
Schmitt
INV+OR
or
Schmitt
INV+NAND
A=L-Level
B=INPUT
C=INPUT
Y=OUTPUT
OR
OR
Y
A
B
C
97
98
L
L
L
L
H
L
L
H
L
H
L
H
L
H
L
L
H
H
L
H
MP97
Schmitt
INV+NAND
or
Schmitt
INV+OR
MP98
Schmitt
INV+AND
or
Schmitt
INV+NOR
A=INPUT
B=H-Level
C=INPUT
Y=OUTPUT
OR
OR
Y
A
B
C
97
98
L
H
L
H
L
L
H
H
L
H
H
H
L
H
L
H
H
H
H
L
MP97
2 to 1 Selector
MP98
2 to 1
Selector+INV
A=INPUT
B=INPUT
C=Select
Y=OUTPUT
Y
A
B
C
97
98
L
L
L
L
H
L
H
L
H
L
H
L
L
L
H
H
H
L
H
L
L
L
H
L
H
L
H
H
L
H
H
L
H
H
L
H
H
H
H
L
C
A
B
Y
C
A
B
Y
A
C
Y
A
C
Y
A
C
Y
A
C
Y
B
C
Y
B
C
Y
B
C
Y
B
C
Y
B
C
Y
B
C
Y
A
C
Y
A
C
Y


Similar Part No. - TC7MP97FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MP01FK TOSHIBA-TC7MP01FK Datasheet
219Kb / 9P
   Low-Voltage Triple Gate(6-input AND 4-input OR inverter)
TC7MP245FK TOSHIBA-TC7MP245FK Datasheet
264Kb / 12P
   Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP245FTG TOSHIBA-TC7MP245FTG Datasheet
264Kb / 12P
   Low-Voltage/Low-Power Octal Bus Transceiver with Bus-hold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
More results

Similar Description - TC7MP97FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SP97TU TOSHIBA-TC7SP97TU Datasheet
233Kb / 10P
   Low Voltage Single Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
TC7SP57FU TOSHIBA-TC7SP57FU Datasheet
234Kb / 10P
   Low Voltage Single Configurable Multiple Function Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com