Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MH595FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC7MH595FK
Description  8-Bit Shift Register/Latch (3-State)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH595FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC7MH595FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC7MH595FK
2007-10-19
6
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.8
13.0
1.0
15.0
3.3
± 0.3
50
11.3
16.5
1.0
18.5
15
6.2
8.2
1.0
9.4
Propagation delay time
(SCK-QH’)
tpLH
tpHL
5.0
± 0.5
50
7.7
10.2
1.0
11.4
ns
15
8.4
12.8
1.0
13.7
3.3
± 0.3
50
10.9
16.3
1.0
17.2
15
5.9
8.0
1.0
9.1
Propagation delay time
( SCLR -QH’)
tpHL
5.0
± 0.5
50
7.4
10.0
1.0
11.1
ns
15
7.7
11.9
1.0
13.5
3.3
± 0.3
50
10.2
15.4
1.0
17.0
15
5.4
7.4
1.0
8.5
Propagation delay time
(RCK-Qn)
tpLH
tpHL
5.0
± 0.5
50
6.9
9.4
1.0
10.5
ns
15
7.5
11.5
1.0
13.5
3.3
± 0.3
50
9.0
15.0
1.0
17.0
15
4.8
8.6
1.0
10.0
Output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
8.3
10.6
1.0
12.0
ns
3.3
± 0.3
50
12.1
15.7
1.0
16.2
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
7.6
10.3
1.0
11.0
ns
15
80
150
70
3.3
± 0.3
50
55
130
50
15
135
185
115
Maximum clock frequency
fmax
5.0
± 0.5
50
95
155
85
MHz
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note)
87
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC7MH595FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results

Similar Description - TC7MH595FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com