Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MH595FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MH595FK
Description  8-Bit Shift Register/Latch (3-State)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH595FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MH595FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7MH595FK
2007-10-19
4
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
0.5~7.0
V
DC input voltage
VIN
0.5~7.0
V
DC output voltage
VOUT
0.5~VCC + 0.5
V
Input diode current
IIK
20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Similar Part No. - TC7MH595FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results

Similar Description - TC7MH595FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com