Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2214005 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SL2214005
Description  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL2214005 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL2214005 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL22 14005
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL22 14005-
A
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
Resistance @ 25°C
14.0
Ω ± 25%
Max Steady State Current Up to 65
°C
5.0 A
Max Recommended Energy Rating (Joules)
75.0 J
Actual Failure Point of Instantaneous Energy (Joules)
200.0 J
Resistance @ 100% of Max Current
0.120
Resistance @ 50% of Max Current
0.290
Body Temperature @ 100% Current Rating
177 °C
Dissipation Constant
32.4mW/°C
Thermal Time Constant
94 seconds
Material Type
“H”
Max Recommended Capacitance @ 120/240 VAC
5000
µF/1250µF
D
20.0
± 1.0 mm
T
5.0
± 0.2 mm
Lead Diameter
1.0
± 0.1 mm
S
7.8
± 2.0 mm
L
38.0
± 9.0 mm
Straight Leads
Coating Run Down
5.0
± 1.0 mm
B
9.20
± 0.85 mm
C
3.82
± 1.0 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Similar Part No. - SL2214005

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL2214007 AMETHERM-SL2214007 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
SL2214007 AMETHERM-SL2214007 Datasheet
33Kb / 2P
   Erin Landis
SL2214007-17 AMETHERM-SL2214007-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2214007-17-A AMETHERM-SL2214007-17-A Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2214007-17-B AMETHERM-SL2214007-17-B Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

Similar Description - SL2214005

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com