Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MBD3245AFK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MBD3245AFK
Description  Octal Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBD3245AFK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MBD3245AFK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MBD3245AFK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7MBD3245AFK
2007-10-19
5
VOH – VCC Characteristics (typ.)
Figure 4
Power supply voltage VCC (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
4.50
4.75
5.00
5.25
5.50
5.75
1
μA
100
μA
6 mA
12 mA
24 mA
Ta
= 25°C
Power supply voltage VCC (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
4.50
4.75
5.00
5.25
5.50
5.75
1
μA
100
μA
6 mA
12 mA
24 mA
Ta
= 85°C
Power supply voltage VCC (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
4.50
4.75
5.00
5.25
5.50
5.75
1
μA
100
μA
6 mA
12 mA
24 mA
Ta
= -40°C
0
-0.2
-0.4
-0.6
-0.8
-1.0
2.0
2.5
3.0
3.5
4.0
5.0
Ta
= 25°C
High-level output voltage VOH (V)
VCC=4.5V
VCC=4.75V
VCC=5.0V
VCC=5.25V
VCC=5.5V
0
-0.2
-0.4
-0.6
-0.8
-1.0
2.0
2.5
3.0
3.5
4.0
5.0
Ta
= 85°C
High-level output voltage VOH (V)
VCC=4.5V
VCC=4.75V
VCC=5.0V
VCC=5.25V
VCC=5.5V
0
-0.2
-0.4
-0.6
-0.8
-1.0
2.5
3.0
3.5
4.0
5.0
Ta
= -40°C
High-level output voltage VOH (V)
2.0
VCC=4.5V
VCC=4.75V
VCC=5.0V
VCC=5.25V
VCC=5.5V


Similar Part No. - TC7MBD3245AFK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
   Octal Bus Switch
More results

Similar Description - TC7MBD3245AFK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com