Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MB3244FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7MB3244FK
Description  Octal Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3244FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7MB3244FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3244FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3244FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3244FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3244FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3244FK_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7MB3244FK
2007-10-19
4
AC Test Circuit
AC Waveform
90%
10%
Input
(A, B)
GND
3.0 V
tr 2.5 ns
tf 2.5 ns
1.5 V
Output
(B, A)
VOL
VOH
1.5 V
tpLH
tpHL
Figure 2 tpLH, tpHL
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
7.0 V
tpHZ, tpZH
Open
Open
7.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
90%
10%
VOL
3.5 V
GND
3.0 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
VOL +
0.3 V
Figure 3 tpLZ, tpHZ, tpZL, tpZH


Similar Part No. - TC7MB3244FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
193Kb / 5P
   OCTAL BUS SWITCH
TC7MB3244FK TOSHIBA-TC7MB3244FK Datasheet
136Kb / 7P
   Octal Bus Switch
More results

Similar Description - TC7MB3244FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com