Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62709F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB62709F
Description  7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB62709F Datasheet HTML 6Page - Toshiba Semiconductor TB62709F Datasheet HTML 7Page - Toshiba Semiconductor TB62709F Datasheet HTML 8Page - Toshiba Semiconductor TB62709F Datasheet HTML 9Page - Toshiba Semiconductor TB62709F Datasheet HTML 10Page - Toshiba Semiconductor TB62709F Datasheet HTML 11Page - Toshiba Semiconductor TB62709F Datasheet HTML 12Page - Toshiba Semiconductor TB62709F Datasheet HTML 13Page - Toshiba Semiconductor TB62709F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TB62709N/F
2006-06-14
10
THE FOLLOWING TABLE SHOWS THE CORRESPONDENCE BETWEEN THE SERIAL
DATA AND THE OUTPUT PINS WHEN NO DECODE IS SET
Table 6 Correspondence between serial data and output pins in no decode mode
REGISTER DATA
OUTPUT
INITIAL STATE
NOTE
D0
OUT−a
L
D1
OUT−b
L
D2
OUT−c
L
D3
OUT−d
L
D4
OUT−e
L
D5
OUT−f
L
D6
OUT−g
L
D7
OUT−Dp
L
Output is ON when data
= H and OFF when data
= L.
STANDBY SETTINGS
Standby mode settings and operation (Table 7)
Writing 4H to D15~D12 and writing 0H to D3~D0 sets Standby mode. Writing 4H to D15~D12 and writing 1H to
D3~D0 sets All Data Clear mode.
Standby mode maintains the settings made immediately before this mode came in force, turns the output
current OFF, and controls the bias current flowing in the internal circuits. All Data Clear resets all settings to
their initial states.
Table 7 Standby settings
REGISTER DATA
D15~D8
D7~D4
D3
D2
D1
D0
HEX CODE
STANDBY (NO DATA CLEAR)
4−H
0
0
0
0
4XX0H
ALL DATA CLEAR
4−H
0
0
0
1
4XX1H
X = Input H or L. "−" Are not affected by the truth table.


Similar Part No. - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709F TOSHIBA-TB62709F Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709F TOSHIBA-TB62709F Datasheet
636Kb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62709FG TOSHIBA-TB62709FG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N Datasheet
987Kb / 24P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P_06 Datasheet
309Kb / 11P
   10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Marktech Corporate
MTE2050S-OH1 MARKTECH-MTE2050S-OH1 Datasheet
57Kb / 2P
   MTE2050S−OH1
logo
List of Unclassifed Man...
DILM7 ETC2-DILM7 Datasheet
140Kb / 2P
   RC−suppressor
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P_06 Datasheet
343Kb / 12P
   THREE−CHANNEL SMALL−SIGNAL IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com