Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62706BF Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB62706BF
Description  16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62706BF Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB62706BF Datasheet HTML 7Page - Toshiba Semiconductor TB62706BF Datasheet HTML 8Page - Toshiba Semiconductor TB62706BF Datasheet HTML 9Page - Toshiba Semiconductor TB62706BF Datasheet HTML 10Page - Toshiba Semiconductor TB62706BF Datasheet HTML 11Page - Toshiba Semiconductor TB62706BF Datasheet HTML 12Page - Toshiba Semiconductor TB62706BF Datasheet HTML 13Page - Toshiba Semiconductor TB62706BF Datasheet HTML 14Page - Toshiba Semiconductor TB62706BF Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TB62706BN/BF
2006-06-14
11
[1] Output current (IOUT)
IOUT is set by the enternal resistor (R−EXT) as shown in Fig.1.
[2] Total supply voltage (VLED)
This device can operate 0.4~0.7V (VO).
When a higher voltage is input to the device, the excess voltage is consumed inside the device, that leads to
power dissipation.
In order to minimize power dissipation and loss, we would like to recommend to set the total supply voltage as
shown below,
VLED (total supply voltage) = VCE (Tr Vsat) + Vf (LED Forward voltage) + VO (IC supply voltage)
When the total supply is too high considering the power dissipation of this device, an additional R can
decrease the supply voltage (VO).
[3] Pattern layout
This device owns only one ground pin that means signal ground pin and power ground pin are common.
If ground pattern layout contains large inductance and impedance, and the voltage between ground and
LATCH, CLOCK terminals exceeds 2.5 V by switching noise in operation, this device may miss−operate. So we
would lile you to pay attention to pattern layout to minimize inductance.


Similar Part No. - TB62706BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62706BF TOSHIBA-TB62706BF Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BFG MARKTECH-TB62706BFG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BFG MARKTECH-TB62706BFG Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62706BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62701ANG MARKTECH-TB62701ANG Datasheet
604Kb / 15P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com