Part Name
         Description
TB62705CP_06

 8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS ( 17 Page)


TOSHIBA
100% 
Zoom Out Zoom In
 
 4 page
background image
TB62705CP/CF/CFN
2006-06-13
4
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
−0.4~VDD + 0.4
V
Output Current
IOUT
90
mA
Output Voltage
VCE
−0.5~17.0
V
Clock Frequency
fCK
15
MHz
GND Terminal Current
IGND
720
mA
1.47 (CP−type : FREE AIR, Ta = 25°C)
Power Dissipation
PD
0.78 (CF / CFN−type : ON PCB, Ta = 25°C)
W
85 (CP−type : FREE AIR, Ta = 25°C)
Thermal Resistance
Rth (j−a)
160 (CF / CFN−type : ON PCB, Ta = 25°C)
°C / W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note:
CP type: For an ambient temperature above 25°C, the derating is 11.8 mW/°C.
CF and CFN type: For an ambient temperature above 25°C, the derating is 6.3 mW/°C.
RECOMMENDED OPERATING CONDITION (Ta = 40~85°C unless otherwise stated)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VOUT
15.0
V
IO
OUTn , DC 1 circuit
5
88
IOH
SERIAL−OUT
1.0
Output Current
IOL
SERIAL−OUT
−1.0
mA
VIH
0.7
VDD
VDD
+0.3
Input Voltage
VIL
−0.3
0.3
VDD
V
LATCH Pulse Width
tw LAT
100
ns
CLOCK Pulse Width
tw CLK
50
ns
ENABLE Pulse Width
tw EN
4500
ns
Set-up Time for DATA
tsetup (D)
60
ns
Hold Time for DATA
thold (D)
20
ns
Set-up Time for LATCH
tsetup (L)
100
ns
Hold Time for LATCH
thold (L)
VDD = 4.5~5.5 V
60
ns
Clock Frequency
fCK
Cascade operation
10.0
MHz
Ta = 85°C
(CP−type FREE AIR)
0.82
Power Dissipation
PD
Ta = 85°C
(CF / CFN−type ON PCB)
0.40
W



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHC595_078-Bit Shift Register with Output Latches 1 2 3 4 5 MoreFairchild Semiconductor
74F1648-bit serial-in parallel-out shift register 1 2 3 4 5 MoreNXP Semiconductors
CD54HC597_07High-Speed CMOS Logic 8-Bit Shift Register with Input Storage 1 2 3 4 5 MoreTexas Instruments
KK4021B8-Bit Shift Register High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
TC74AC164P_07CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register S-IN P-OUT 1 2 3 4 5 MoreToshiba Semiconductor
MC74HC589A_058-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS 1 2 3 4 5 MoreON Semiconductor
MM74HC597_048-Bit Shift Registers with Input Latches 1 2 3 4 5 MoreFairchild Semiconductor
KK74HC323A8-Bit Bidirectional Universal Shift Register with Parallel I/O High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
TC74AC166P_07CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register P-IN S-OUT 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4094AP_07CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register 3-state 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl