Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62702P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB62702P
Description  10BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH / 10SEGMENT LED DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62702P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB62702P_06 Datasheet HTML 1Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 2Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 3Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 4Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 5Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 6Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 7Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 8Page - Toshiba Semiconductor TB62702P_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TB62702P/F
2006-06-14
4
SWITCHING CHARACTERISTICS
(Ta = 25°C, VDD = 5 V, VOUT = 30 V, RL = 1150 Ω, CL = 15 pF, "H" = VIH, "L" = VIL)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
CLK− OUTn
LAT = "H",
CLR = "H", EN = "H"
250
CLK− OUTn
LAT = "H", EN = "H"
250
LAT − OUTn
CLR = "H", EN = "H"
200
Propagation Delay
Time (Low−to−High)
EN− OUTn
tpLH
LAT = "H", CLR = ”H”
150
ns
CLK− OUTn
LAT = "H", CLR = "H", EN = "H"
250
LAT − OUTn
CLR = "H", EN = "H"
200
Propagation Delay
Time (High−to−Low)
EN− OUTn
tpHL
LAT = "H", CLR = "H"
150
ns
CLK−
LAT
tsetup (L)
50
Set Up Time
CLK−S−IN
tsetup (D)
35
CLK− LAT
thold (L)
105
Hold Time
CLK−S−IN
thold (D)
50
ns
Clock Pulse Width
tw CLK
100
Latch Pulse Width
tw LAT
50
Clear Pulse Width
tw CLR
50
Enable Pulse Width
tw EN
400
ns
tor
OUTn
1000
Output Rise Time
tr
S−OUT, VSS = 0V
50
tof
OUTn
150
Output Fall Time
tf
S−OUT, VSS = 0V
50
ns
fMAX1
Duty = 50%
Cascade connected
5
8
Maximum Clock Frequency
fMAX2
Duty = 50%
6
12
MHz
RECOMMENDED TIMING CONDITIONS (Ta = −40~85°C, VDD = 4.5~5.5 V, VSS = 0)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Clock Pulse Width
tw CLK
100
ns
Enable Pulse Width
tw EN
400
µs
Latch Pulse Width
tw LAT
100
ns
Clear Pulse Width
tw CLR
100
ns
Data Set Up Time
tsetup
100
ns
Data Hold Time
thold
150
ns


Similar Part No. - TB62702P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62702P TOSHIBA-TB62702P Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
More results

Similar Description - TB62702P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62C851PG TOSHIBA-TD62C851PG Datasheet
573Kb / 13P
   8BIT SERIAL−IN PARALLEL−OUT SHIFT REGISTER / LATCH DRIVERS
TB62702P TOSHIBA-TB62702P Datasheet
279Kb / 8P
   10 BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/ LATCH/10SEGMENT LED DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com