Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11C68-IG Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # P11C68-IG
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P11C68-IG Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button P11C68-IG Datasheet HTML 5Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 6Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 7Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 8Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 9Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 10Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 11Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 12Page - Zarlink Semiconductor Inc P11C68-IG Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
P10C68/P11C68
9
STORE CYCLE 2 : E (BAR) CONTROLLED
(See note 13)
Standard
tELQX1
tNLEL
tWLEL
tELNH
tGHEL
Alternative
tSTORE
tWC
Parameter
Store cycle time
NE (bar) set-up to chip enable
Write enable wet-up to chip enable
Chip enable to NE (bar) rise
Output disable set-up to E (bar) fall
Symbol
Notes
17
18
Units
ms
ns
ns
ns
ns
Min.
0
0
45
0
Max.
10
Min.
0
0
45
0
P10C68-35
P10C68-45
Max.
10
NOTES
16. E (bar), G (bar), NE (bar) and W (bar) must make the transition between VIH(max) to VIL(max), or VIL(max) to VIH(min) in a
monotonic fashion.
17. Measured with W (bar) and NE (bar) both returned high, and G (bar) returned low. Note that store cycles are inhibited/aborted
by Vcc <3.3V (STORE inhibit).
18. Once twc has been satisfied by NE (bar), G (bar), W (bar) and E (bar) the store cycle is completed automatically, ignoring all
inputs. Any of NE (bar), G (bar), W (bar) or E (bar) may be used to terminate the store initiation cycle.
tGHNL
tNLWL
tWLNH
tELWL
tWLQX
NE
G
W
E
DQ
(DATA
OUT)
HIGH IMPEDANCE
Figure 9. STORE CYCLE 1: W (bar) controlled timing diagram (see note 16).
tGHEL
tNLEL
tELNH
tWLEL
tELQX1
NE
W
E
DQ
(DATA
OUT)
HIGH IMPEDANCE
G
Figure 10. STORE CYCLE 2: E (bar) controlled timing diagram (see note 16).


Similar Part No. - P11C68-IG

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P11C HUAXINAN-P11C Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P11C HUAXINAN-P11C Datasheet
393Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P11C68-IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com