Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB7004FL Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB7004FL
Description  Synchronous Buck Converter Module for High-Current and Low-Voltage Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7004FL Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB7004FL Datasheet HTML 1Page - Toshiba Semiconductor TB7004FL Datasheet HTML 2Page - Toshiba Semiconductor TB7004FL Datasheet HTML 3Page - Toshiba Semiconductor TB7004FL Datasheet HTML 4Page - Toshiba Semiconductor TB7004FL Datasheet HTML 5Page - Toshiba Semiconductor TB7004FL Datasheet HTML 6Page - Toshiba Semiconductor TB7004FL Datasheet HTML 7Page - Toshiba Semiconductor TB7004FL Datasheet HTML 8Page - Toshiba Semiconductor TB7004FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TB7004FL
2007-11-13
3
Pin Configuration
Pin Description
Symbol
Pin No.
Description
Notes
CGND
1, 6, 51, Tab
Signal ground for control circuitry
Connect to PGND.
NC
2
No-connect pin
VGIN
3
Power supply for low-side MOSFET gate drive
VCIN
4
Power supply for control circuitry
BOOT
5
Bootstrap capacitor connection
GH
7
High-side MOSFET gate signal
For monitoring purposes
VIN
8 to 20, Tab
Input pins. Connected to an input of the on-chip the DC-DC converter.
VSWH
21, 40 to 50, Tab Output pins. Output inductor connection
PGND
22 to 39
Power ground
GL
52
Low-side MOSFET gate signal
For monitoring purposes
THDN
53
Open-drain output that indicates that thermal shutdown (TSD) has been
tripped. An external pull-up resistor should be added to the THDN pin.
Held Low in thermal shutdown mode.
REG5V
54
Internal 5-V regulator output
DISBL#
55
Disable signal for internal circuitry. Setting DISBL# High enables internal
circuitry. Setting DISBL# Low disables internal circuitry.
Accepts both 5-V and
12-V signals.
PWM
56
3-state enable input
VIN
(Bottom View)
VSWH
CGND
PWM
DISBL#
REG5V
THDN
GL
CGND
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
VIN
VIN
VIN
VIN
VIN
VIN
VSWH
PGND
PGND
PGND
PGND
PGND
PGND
PGND
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1
2
3
4
5
6
7
8
9
10 11 12 13 14
42 41 40 39 38 37 36 35 34 33 32 31 30 29
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - TB7004FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7001FL TOSHIBA-TB7001FL Datasheet
67Kb / 6P
   For high current and low voltage applications Synchronous buck converter module
More results

Similar Description - TB7004FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7001FL TOSHIBA-TB7001FL Datasheet
67Kb / 6P
   For high current and low voltage applications Synchronous buck converter module
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com