Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11C68-45DPBS Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # P11C68-45DPBS
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P11C68-45DPBS Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button P11C68-45DPBS Datasheet HTML 4Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 5Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 6Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 7Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 8Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 9Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 10Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 11Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
P10C68/P11C68
8
5.0V
3.3V
AUTO RECALL
STORE INHIBIT
VCC
t
Figure 8. Automatic RECALL and STORE inhibit.
NON-VOLATILE MEMORY OPERATION OF P10C68
MODE SELECTION
W
X
H
L
H
L
L
H
E
H
L
L
L
L
L
L
G
X
L
X
L
H
L
H
NE
X
H
H
L
L
L
X
Power
Standby
Active
Active
Active
ICC2
Active
Mode
Not selected
Read RAM
Write RAM
Non-volatile recall (Note 15)
Non-volatile store
No operation
NOTE
15.
An automatic RECALL also takes place on chip power-up, starting when Vcc exceeds 3.3V, and taking tRECALL from the
time at which Vcc exceeds 3.3V. Vcc must not drop below 3.3V once it has exceeded it for the RECALL to function
properly.
Standard
tWLQX
tGHNL
tNLWL
tWLNH
tELWL
Alternative
tSTORE
tWC
Parameter
Store cycle time
Output disable set-up to NE (bar) fall
Non-volatile set-up to write low
Write low to NE (bar) rise
Chip enable SET-UP
Symbol
Notes
17
18
Units
ms
ns
ns
ns
ns
Min.
0
0
45
0
Max.
10
Min.
0
0
45
0
Max.
10
STORE CYCLE 1 : W (BAR) CONTROLLED
(See note 16)
P10C68-35
P10C68-45


Similar Part No. - P11C68-45DPBS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P11C HUAXINAN-P11C Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P11C HUAXINAN-P11C Datasheet
393Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P11C68-45DPBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com