Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11C68-45DPBS Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # P11C68-45DPBS
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P11C68-45DPBS Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  P11C68-45DPBS Datasheet HTML 1Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 2Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 3Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 4Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 5Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 6Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 7Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 8Page - Zarlink Semiconductor Inc P11C68-45DPBS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
P10C68/P11C68
4
Characteristic
Average power supply
current
Average power supply current
during STORE cycle
Average power supply current
(standby, cycling TTL input levels)
Average power supply current
(standby, stable CMOS input levels)
Input leakage current (any input)
Off state output leakage current
Output logic '1' voltage
Output voltage '0' voltage
Industrial temperature range
Test conditions (unless otherwise stated):
Tamb = -40˚C to 70˚C, Vcc = +5V ± 10% (See notes 4, 5 and 6)
Symbol
ICC1
ICC2
ISB1
ISB2
IILK
IOLK
VOH
VOL
Value
Units
mA
mA
mA
mA
mA
mA
µA
µA
V
V
Conditions
tAVAV = 35ns
tAVAV = 45ns
All inputs at VIN ≤ 0.2V
tAVAV = 35ns
tAVAV = 45ns
E(bar) ≥VIH, all other inputs
cycling
E (bar)≥(VCC -0.2V), all other
inputs at VIN≤0.2V or ≥(VCC -
0.2V)
VCC = max, VIN = VSS to VCC
VCC = max, VIN = VSS to VCC
IOUT = 4mA
IOUT = 8mA
Max.
80
75
50
27
23
1
±1
±5
0.4
Min.
2.4
Input pulse levels
Input rise and fall times
Input and output timing reference levels
Output load
VSS to 3V
≤5ns
1.5V
See Figure 3
AC TEST CONDITIONS
CAPACITANCE Tamb = 25°C, f = 1.0MHz (see note 7)
Parameter
Input capacitance
Output capacitance
Symbol
CIN
COUT
Units
pF
pF
Max.
5
7
Conditions
∆V=0 to 3V
∆V=0 to 3V
NOTE
7. These parameters are characterised but not 100% tested.
NOTES
4.
ICC1 is dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
5.
Bringing E (bar) ≥ VIH will not produce standby currents levels until any non-volatile cycle in progress has timed out. See
Mode Selection table.
6.
ICC2 is the average current required for the duration of the STORE cycle (tSTORE) after the sequence that initiates the
cycle.
5.0V
480 Ohms
30p
INCLUDING
SCOPE AND
FIXTURE
255
Ohms
OUTPUT
Figure 3. AC output loading.


Similar Part No. - P11C68-45DPBS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P11C HUAXINAN-P11C Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P11C HUAXINAN-P11C Datasheet
393Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P11C68-45DPBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com