Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6549P Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TB6549P
Description  Full-Bridge Driver IC for DC Motors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6549P Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB6549P Datasheet HTML 4Page - Toshiba Semiconductor TB6549P Datasheet HTML 5Page - Toshiba Semiconductor TB6549P Datasheet HTML 6Page - Toshiba Semiconductor TB6549P Datasheet HTML 7Page - Toshiba Semiconductor TB6549P Datasheet HTML 8Page - Toshiba Semiconductor TB6549P Datasheet HTML 9Page - Toshiba Semiconductor TB6549P Datasheet HTML 10Page - Toshiba Semiconductor TB6549P Datasheet HTML 11Page - Toshiba Semiconductor TB6549P Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TB6549F/FG/P/PG/HQ
2007-3-6
8
3.
Internal Constant-Voltage (5 V) Circuit
• This IC includes a 5 V power supply for control circuit.
• A capacitor for prevention of oscillation should be connected to S-GND associated with the pin Vreg.
No other loads should be connected to pin Vreg.
• This IC has a power monitoring function and turns the output OFF when Vreg goes down to 3.0 V
(design target value) or less. With a hysteresis of 0.3 V (design target value), the output are turned ON
when Vreg again reaches 3.3 V (design target value).
4.
Charge Pump Circuit
• This IC has a charge pump circuit for driving the gate for the upper power transistor in the output
circuit. A voltage of VCC + 5 V (typ.) is generated by connecting an external capacitor to this IC.
It takes about 2 ms to boost VCPA up VCC + 5 V (typ.) after the switching of the input signal from the
standby pin (while CcpA
= 0.22 μF, and CcpB and CcpC are connected through 0.01 μF).
• The proper capacitance of the external capacitor varies depending on the VCC value. Thus, determine
the constant by referring to the following data. The value of the capacitor between CcpB and CcpC
should be such that, while the motor is being driven, the voltage on the CcpA pin will be kept constant,
typically at VCC + 5 V. (If a reduced VCC level causes the voltage on CcpA to start to fall, please adjust
this capacitance value accordingly.)
<External capacitor>
VCC
Between CcpB and CcpC
Between CcpA and GND
10 V~15 V
0.01
μF~0.047 μF
0.22
μF
15 V~27 V
0.01
μF
0.22
μF
• Reference oscillation is performed by using the internal capacitor.
VCC
Vreg
VCC
CcpC
VCC
CcpB
CcpA


Similar Part No. - TB6549P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549P TOSHIBA-TB6549P Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6549PG TOSHIBA-TB6549PG Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
More results

Similar Description - TB6549P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB67H303HG TOSHIBA-TB67H303HG Datasheet
977Kb / 23P
   Full Bridge Driver IC for DC motor
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com