Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6552FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB6552FN
Description  DUAL-BRIDGE DRIVER IC FOR DC MOTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6552FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB6552FN Datasheet HTML 1Page - Toshiba Semiconductor TB6552FN Datasheet HTML 2Page - Toshiba Semiconductor TB6552FN Datasheet HTML 3Page - Toshiba Semiconductor TB6552FN Datasheet HTML 4Page - Toshiba Semiconductor TB6552FN Datasheet HTML 5Page - Toshiba Semiconductor TB6552FN Datasheet HTML 6Page - Toshiba Semiconductor TB6552FN Datasheet HTML 7Page - Toshiba Semiconductor TB6552FN Datasheet HTML 8Page - Toshiba Semiconductor TB6552FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TB6552FN/FNG/FL/FLG
2007-4-2
2
Block Diagram
Pin Functions
Pin No
Pin.Name
FN/FNG
FL/FLG
Functional Description
Remarks
GND
1
21
Small-signal GND pin
GND for small-signal power supply (VCC)
AIN1
2
18
Control signal input 1 (Ch. A)
AIN2
3
17
Control signal input 2 (Ch. A)
APWM
4
16
PWM control signal input pin
(Ch. A)
Input PWM signal
ASTBY
5
15
Standby control input pin
(Ch. A)
Ch. A circuit is in standby (power save) state
while this signal is Low.
AO1
7
13
Output pin 1 (Ch. A)
Ch. A connect to motor coil pin
AO2
8
11
Output pin 2 (Ch. A)
Ch. A connect to motor coil pin
PGND
9
10
GND pin for motor
GND for motor power supply (VM)
VM
6
14
Motor power supply pin
VM (ope)
= 2.5 V to 13.5 V
BO2
10
8
Output pin 2 (Ch. B)
Ch. B connect to motor coil pin
BO1
11
5
Output pin 1 (Ch. B)
Ch. B connect to motor coil pin
BSTBY
12
4
Standby control input pin
(Ch. B)
Ch. B circuit is in standby (power save) state
while this signal is Low.
BPWM
13
3
PWM control signal input pin
(Ch. B)
Input PWM signal
BIN2
14
2
Control signal input 2 (Ch. B)
BIN1
15
1
Control signal input 1 (Ch. B)
VCC
16
22
Small-signal power supply pin
VCC (ope) = 2.7 V to 5.5 V
Note: Pins 6, 7, 9, 12, 19, 20, 23 and 24 on the FL/FLG are NC (not connected) pins.
VCC
BSTBY
BIN1
BIN2
BPWM
BO1
BO2
VM
GND
ASTBY
AIN1
AIN2
APWM
AO1
AO2
PGND
Control logic
(Ch. B)
Control logic
(Ch. A)
Bridge Driver
(Ch. B)
Bridge Driver
(Ch. A)
TSD


Similar Part No. - TB6552FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6552FNG TOSHIBA-TB6552FNG Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
More results

Similar Description - TB6552FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
   Dual Full-Bridge Driver IC for Stepping Motors
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
logo
Sipex Corporation
TB6592FL SIPEX-TB6592FL Datasheet
138Kb / 10P
   Dual-Bridge Driver IC for DC motor
logo
Toshiba Semiconductor
TB67H302HG TOSHIBA-TB67H302HG Datasheet
970Kb / 23P
   Dual Bridge Driver IC for DC motor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com