Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB2118F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB2118F
Description  High Speed PLL For DTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2118F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB2118F_02 Datasheet HTML 1Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 2Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 3Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 4Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 5Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 6Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 7Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 8Page - Toshiba Semiconductor TB2118F_02 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TB2118F
2002-10-30
2
Pin Connection
24 XI
23 A
-GND
22 REG.
21 VCC
20 AM CP
19 VT
18 FM CP
17 D
-GND
XO 1
OSC 2
CE 3
DIN 4
CK 5
DOUT 6
SR 7
I / O
-18
16 AMVCO
15 FMVCO
14 VDD
13 IFC
I / O
-29
OUT
-2 11
VDD2 12
10
OUT
-1
Block Diagram
14
8
7
9
12
21
23
17
X
19
13
5
6
4
3
15
2
16
24
18
10 11
1
X
20
22
Osc circuit
Phase
comparator
Reference counter
Prescaler
4
-bit
swallow counter
12
-bit
programmable counter
AMP
AMP
AMP
Buff.
+
-
Switch
SIG
AM CP
REF
ON / OFF
VDD
OSC
XO
XI
FMVCO
AMVCO
CE
IFC
DIN
CK
DOUT
VT
FM CP
REG.
VT
VCC
Switch
VDD2
20
-bit binary counter
40
-bit shift register
Serial
interface
I / O Port
Output port
D
-GND VCC A-GND
VDD
I / O
-1
I / O
-2
SR
VDD2
OUT
-1 OUT-2
Constant
power supply
voltage
+
-
Register 1
Register 2
22
-bit


Similar Part No. - TB2118F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
More results

Similar Description - TB2118F_02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
   HIGH SPEED PLL FOR DTS
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
   PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
   PLL FOR DTS
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
   PLL FOR DTS
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com