Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRF1420T30 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QRF1420T30
Description  Fast Recovery Diode Module (200 Amp/1400 Volts)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRF1420T30 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QRF1420T30 Datasheet HTML 1Page - Powerex Power Semiconductors QRF1420T30 Datasheet HTML 2Page - Powerex Power Semiconductors QRF1420T30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module
200 Amp/1400 Volts
QR_1420T30
200 Amp/1400 Volts
Description:
Powerex Fast Recovery Diode
Modules are designed for use in
applications requiring fast switching.
The modules are isolated for easy
mounting with other components on a
common heatsink.
Features:
Fast Recovery Time
Isolated Mounting
Metal Baseplate
Low Thermal Impedance
3000 V isolating voltage
Applications:
Switching Power Supplies
Inverters
Choppers
Welding Power Supplies
Free Wheeling Diode
High Frequency Rectifiers
QR_1420T30
Fast Recovery Diode Module
200 Amperes / 1400 Volts
Dimensions
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.18
30
D
3.15
80
E
0.67
17
F
0.28
6.99
G
0.67
17.1
H
0.91
23
J
0.91
23
K
M6X1.0
M6X1.0
QRD
QRC
QRF
QRS


Similar Part No. - QRF1420T30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRF1420T30 POWEREX-QRF1420T30 Datasheet
78Kb / 3P
   Fast Recovery Diode Module
More results

Similar Description - QRF1420T30

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRS1460T30 POWEREX-QRS1460T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (600 Amp/1400 Volts)
QR1410T30 POWEREX-QR1410T30 Datasheet
113Kb / 3P
   Fast Recovery Diode Module (100 Amp/1400 Volts)
QRS1440T30 POWEREX-QRS1440T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (400 Amp/1400 Volts)
QR1430T30 POWEREX-QR1430T30 Datasheet
106Kb / 3P
   Fast Recovery Diode Module (300 Amp/1400 Volts)
QR0620T30 POWEREX-QR0620T30 Datasheet
111Kb / 3P
   Fast Recovery Diode Module (200 Amp/600 Volts)
QR1220T30 POWEREX-QR1220T30 Datasheet
112Kb / 3P
   Fast Recovery Diode Module (200 Amp/1200 Volts)
QRS1450001 POWEREX-QRS1450001 Datasheet
34Kb / 2P
   Fast Recovery Diode Module (500 Amps/1400 Volts)
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
   1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
logo
Powerex Power Semicondu...
QRS0640T30 POWEREX-QRS0640T30 Datasheet
113Kb / 3P
   Fast Recovery Diode Module (400 Amp/600 Volts)
QRS0660T30 POWEREX-QRS0660T30 Datasheet
105Kb / 3P
   Fast Recovery Diode Module (600 Amp/600 Volts)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com