Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88422LMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88422LMG
Description  4.25Gbps Laser Driver with Integrated Bias
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88422LMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88422LMG Datasheet HTML 1Page - Micrel Semiconductor SY88422LMG Datasheet HTML 2Page - Micrel Semiconductor SY88422LMG Datasheet HTML 3Page - Micrel Semiconductor SY88422LMG Datasheet HTML 4Page - Micrel Semiconductor SY88422LMG Datasheet HTML 5Page - Micrel Semiconductor SY88422LMG Datasheet HTML 6Page - Micrel Semiconductor SY88422LMG Datasheet HTML 7Page - Micrel Semiconductor SY88422LMG Datasheet HTML 8Page - Micrel Semiconductor SY88422LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY88422L
4.25Gbps Laser Driver with Integrated Bias
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2007
M9999-112607-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88422L is a single 3.3V supply, small form factor
laser driver for telecom/datacom applications up to
4.25Gbps. The driver can deliver modulation current up to
90mA and a bias current up to 100mA.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 35mA power supply current typical
• Operation up to 4.25Gbps
• Modulation current up to 90mA
• Bias current up to 100mA
• Available in 16-pin small form factor (3mm x 3mm)
MLF
® package
Applications
• Multi-rate LAN, MAN applications up to 4.25Gbps:
FC, GbE, SONET/SDH
• SFF, SFP, LX-4 Modules
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - SY88422LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88422LMG MICREL-SY88422LMG Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422LMGTR MICREL-SY88422LMGTR Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
More results

Similar Description - SY88422LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com