Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2112TRHB Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430F2112TRHB
Description  MIXED SIGNAL MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2112TRHB Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F2112TRHB Datasheet HTML 5Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 6Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 7Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 8Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 9Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 10Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 11Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 12Page - Texas Instruments MSP430F2112TRHB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MSP430F21x2
MIXED SIGNAL MICROCONTROLLER
SLAS578 -- NOVEMBER 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the address range 0xFFFF to 0xFFC0.
The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence. If the reset
vector (0xFFFE) contains 0xFFFF (e.g., flash is not programmed), the CPU enters LPM4 after power--up.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
External reset
Watchdog
Flash key violation
PC out of range (see Note 1)
PORIFG
RSTIFG
WDTIFG
KEYV
(see Note 2)
reset
0xFFFE
31, highest
NMI
Oscillator fault
Flash memory access violation
NMIIFG
OFIFG
ACCVIFG
(see Notes 2 and 6)
(non)maskable
(non)maskable
(non)maskable
0xFFFC
30
Timer1_A2
TA1CCR0 CCIFG
(see Note 3)
maskable
0xFFFA
29
Timer1_A2
TA1CCR1 CCIFG,
TA1CTL TAIFG
(see Notes 2 and 3)
maskable
0xFFF8
28
Comparator_A+
CAIFG
maskable
0xFFF6
27
Watchdog timer
WDTIFG
maskable
0xFFF4
26
Timer0_A3
TA0CCR0 CCIFG
(see Note 3)
maskable
0xFFF2
25
Timer0_A3
TA0CCR1 CCIFG,
TA0CCR2 CCIFG,
TA0CTL TAIFG
(see Notes 2 and 3)
maskable
0xFFF0
24
USCI_A0/USCI_B0 receive
USCI_B0 I2C status
UCA0RXIFG, UCB0RXIFG
(see Note 2 and 4)
Maskable
0xFFEE
23
USCI_A0/USCI_B0 transmit
USCI_B0 I2C receive / transmit
UCA0TXIFG, UCB0TXIFG
(see Note 2 and 5)
Maskable
0xFFEC
22
ADC10
ADC10IFG (see Note 3)
maskable
0xFFEA
21
0xFFE8
20
I/O port P2 (eight flags)
P2IFG.0toP2IFG.7
(see Notes 2 and 3)
maskable
0xFFE6
19
I/O port P1 (eight flags)
P1IFG.0toP1IFG.7
(see Notes 2 and 3)
maskable
0xFFE4
18
0xFFE2
17
0xFFE0
16
SeeNote7
0xFFDE
15
SeeNote8
0xFFDC to 0xFFC0
14 to 0, lowest
NOTES: 1. A reset is executed if the CPU tries to fetch instructions from within the module register memory address range (0x0000 to 0x01FF).
2. Multiple source flags.
3. Interrupt flags are located in the module.
4. In SPI mode: UCB0RXIFG. In I2C mode: UCALIFG, UCNACKIFG, ICSTTIFG, and UCSTPIFG.
5. In UART/SPI mode: UCB0TXIFG. In I2C mode: UCB0RXIFG, and UCB0TXIFG.
6. Non--maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot.
7. This location is used as bootstrap loader security key (BSLSKEY).
A 0xAA55 at this location disables the BSL completely.
A zero (0h) disables the erasure of the flash if an invalid password is supplied.
8. The interrupt vectors at addresses 0xFFDC to 0xFFC0 are not used in this device and can be used for regular program code if
necessary.


Similar Part No. - MSP430F2112TRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2112TRHB TI-MSP430F2112TRHB Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2112TRHB TI1-MSP430F2112TRHB Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2112TRHB TI1-MSP430F2112TRHB Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2112TRHBR TI-MSP430F2112TRHBR Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2112TRHBR TI1-MSP430F2112TRHBR Datasheet
1Mb / 80P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2112TRHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com