Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU65-301 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU65-301
Description  65W Desktop Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU65-301 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU65-301 Datasheet HTML 1Page - Astrodyne Corporation SPU65-301 Datasheet HTML 2Page - Astrodyne Corporation SPU65-301 Datasheet HTML 3Page - Astrodyne Corporation SPU65-301 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
65W Desktop Switching Power Supplies
S P u 6 5 series
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single, Dual and Triple Outputs from 3.3 to 48VDC
3000V Isolation
Splash Proof Case
Model Number
Output VDC Output Amps
Min. Load
Regulation Output Power Max.
Output Connector
SINGLE OuTPuT
SPU65-101(S)
3.3
15.1
0A
7%
50W
8 Pin DIN
SPU65-102(S)
5
13
0A
7%
65W
8 Pin DIN
SPU65-103(S)
6
11.6
0A
5%
69.6W
5 Pin DIN
SPU65-104(S)
10
7.5
0A
5%
75W
5 Pin DIN
SPU65-105(S)
12
6.66
0A
5%
80W
5 Pin DIN
SPU65-106(S)
15
5.33
0A
5%
80W
5 Pin DIN
SPU65-107(S)
18
4.44
0A
5%
80W
2.1mm Coax
SPU65-108(S)
24
3.33
0A
5%
80W
2.1mm Coax
SPU65-109(S)
30
2.66
0A
3%
80W
2.1mm Coax
SPU65-110(S)
36
2.22
0A
5%
80W
2.1mm Coax
SPU65-111(S)
48
1.66
0A
5%
80W
2.1mm Coax
Note: “(S)” Denotes that there is an ON/OFF Switch option available for the SPU65 family of products. To order an SPU65 product with the optional ON/OFF
Switch, simply add an “S” to the end of the standard Part Number. For example SPU65-101S.
Order On-Line!
astrodyne.com
6.6” x 3.0” x 1.75”


Similar Part No. - SPU65-301

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU65-301 TRUMPOWER-SPU65-301 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Volgen Kaga Electronics...
SPU65-301 VOLGEN-SPU65-301 Datasheet
291Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU65-301

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
   60W Desktop Switching Power Supplies
SPU30 ASTRODYNE-SPU30 Datasheet
459Kb / 3P
   30W Desktop Switching Power Supplies
logo
List of Unclassifed Man...
DT-B85D ETC2-DT-B85D Datasheet
418Kb / 1P
   Support Intel짰 Haswell 65W Desktop CPU
DT-H81DL ETC2-DT-H81DL Datasheet
423Kb / 1P
   Support Intel짰 Haswell 65W Desktop CPU
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com