Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU130-104 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU130-104
Description  130 Watt Desktop Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU130-104 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU130-104 Datasheet HTML 1Page - Astrodyne Corporation SPU130-104 Datasheet HTML 2Page - Astrodyne Corporation SPU130-104 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
130 Watt Desktop Switching Power Adapters
s p u 1 3 0 series
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
INpuT spECIFICATIONs
Input Voltage Range
85-265 VAC
Frequency Range
47-63 Hz
Power Factor Correction
0.95 min. 0.99 max.
Input Current @ Low Line
3.2A
Input Current @ High Line
1.7A
Inrush Current @ Low Line
30A max., 15A typ.
Inrush Current @ High Line
60A max., 30A typ.
Leakage Current
0.5-0.75mA
OuTpuT spECIFICATIONs
Voltage and Current
See Selection Charts
Load Regulation
See Selection Charts
Line Regulation
+/- 0.5%, typ (1% Max.)
Temperature Coefficient
+/-0.04%/°C, typ
Ripple/Noise
1% Pk-Pk, typ (2% Max.)
Over Voltage Protection
112-132% (O/P 1 only) *
Over Current Protection
110-150% of Rated Current
Transient Response
50% to 100% Load
4mS
Start Up Time (min./typ./max.)
0.3/1/2 Seconds
Hold Up Time
75-85mS at 110VAC Input
GENERAL spECIFICATIONs
Isolation
I/P-O/P: 3000VAC
I/P-Ground: 1500VAC
Isolation Resistance
50 Mohm
Efficiency
80-85% typ.
Switching Frequency
SPU130-1xx
54.5 KHz
SPU130-2xx
74 KHz
Safety
cUL60950-1, EN60950
pHYsICAL spECIFICATIONs
Size
7.7”x3.46”x2.0”
Construction
Desktop Style
Weight
1.9 lb (860g)
ENVIRONMENTAL spECIFICATIONs
Oper. Temperature
0 to +70°C w. Derate
See Curve
Storage Temperature
-40 to +85°C *
Relative Humidity
5 to + 95%, non-cond *
EMC
Vin = 220VAC
CISPR-22 B
Vin = 110VAC
FCC Part 15B
MTBF
100,000 Hrs
OuTpuT DERATING CuRVE
NOTE: Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13) Input Power
Cords are available for these products. Inquire to the Astrodyne Sales Depart.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - SPU130-104

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU130-104 VOLGEN-SPU130-104 Datasheet
329Kb / 2P
   130W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU130-104

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Astrodyne Corporation
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com