Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR8H06K Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TAR8H06K
Description  Dual Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR8H06K Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TAR8H06K Datasheet HTML 1Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 2Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 3Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 4Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 5Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 6Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 7Page - Toshiba Semiconductor TAR8H06K Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAR8H06K
2007-11-01
3
2.5 V Output Characteristics (VOUT (B))
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output Voltage
VOUT (B)
IOUT (B) = 60 mA
2.43
2.5
2.57
V
Dropout Voltage
VIN-VOUT (B) VIN = 2.6 V, IOUT (B) = 60 mA
150
300
mV
Load Regulation
Reg・load (B) IOUT (B) = 0 mA to 60 mA
10
60
mV
Line Regulation
Reg・line (B) VIN = 4.0 V to 8.0 V
1
20
mV
Temp. Coefficient
TCVO (B)
Ta
= −40°C to 85°C
100
ppm/
°C
R.R.1 (B)
VIN = 5.0 V, IOUT (B) = 10 mA,
f
= 200 Hz, VRipple = 1 Vp-p,
Ta
= 25°C
65
dB
Ripple Rejection
R.R.2 (B)
VIN = 5.0 V, IOUT (B) = 10 mA,
f
= 200 kHz, VRipple = 1 Vp-p,
Ta
= 25°C
50
dB
Output Noise Voltage
VNO (B)
IOUT (B) = 10 mA,
10 Hz <= f <= 10 kHz, Ta = 25°C
30
μVrms
Output Rise Time
trise (B)
IOUT (B) = 60 mA,
VCT = 0 V → 3 V (tr = 10 ns)
1
ms
Common Characteristics
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Stand-by Current
IB (OFF)
VCT = 0 V
10
μA
Quiescent Current
IB
IOUT (A) = 30 mA,
IOUT (B) = 60 mA
1
2
mA
Control Voltage (ON)
VCT (ON)
2.2
V
Control Voltage (OFF)
VCT (OFF)
0.4
V
Control Input Current
ICT
VCT = 3 V (output ON)
30
μA


Similar Part No. - TAR8H06K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR8H01K TOSHIBA-TAR8H01K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8H02K TOSHIBA-TAR8H02K Datasheet
167Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H04K TOSHIBA-TAR8H04K Datasheet
171Kb / 8P
   Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
More results

Similar Description - TAR8H06K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com