Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU30-104 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU30-104
Description  30W Desktop Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU30-104 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU30-104 Datasheet HTML 1Page - Astrodyne Corporation SPU30-104 Datasheet HTML 2Page - Astrodyne Corporation SPU30-104 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
30W Desktop Switching Power Supplies
S P u 3 0 series
INPuT SPECIFICATIONS
Input Voltage Range
90-264 VAC (Universal)
Frequency Range
47-63 Hz
Input Current
Low Line (115VAC)
0.8A
High Line (230VAC)
0.5A
Inrush Current, typ (Cold Start)
Low Line (115VAC)
15A max.
High Line (230VAC)
30A max.
Leakage Current
0.75mA MAX.
@ 240 VAC, FL
OuTPuT SPECIFICATIONS
Voltage and Current
See Selection Charts
Output Power Range
0 to FL Rating
Load Regulation (230Vin)
+/- 7%, max.
Line Regulation
+/- 1%, max.
Transient Response
100Vin, FL to 1/2L
4mS
Temperature Coefficient
+/-0.04%/°C, typ
Ripple/Noise
FL, 90Vin
2% Pk-Pk, max.
Over Voltage Protection
112-132% *
Over Current Protection
110-150% *
Start Up / Hold Up Time
100Vin, FL
2S max. / 12mS min.
GENERAL SPECIFICATIONS
Input-Out Isolation
3000 VAC
Input-Ground Isolation
1500VAC
Isolation Resistance
50 Mohm min.
Efficiency (FL, 230Vin)
75%, typ
Safety
(c)UL60950-1
NOTE: Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13) Input Power
Cords are available for these products. Inquire to the Astrodyne Sales Depart.
PHYSICAL SPECIFICATIONS
Size
4.6” x 1.36” x 2.0”
Construction
Desktop Style
Weight
8.1oz (230g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +40°C (FL) *
50% Load @ 70°C
(See Derate Curve)
Storage Temperature
-40 to +85°C *
Relative Humidity
5% to 95%, non-cond *
EMC
110Vin:
FCC Part 15 Class B
220Vin:
CISPR-22 Class B
MTBF
100,000 Hrs
DERATE CuRVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - SPU30-104

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU30-104 VOLGEN-SPU30-104 Datasheet
297Kb / 2P
   30W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU30-104

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
   60W Desktop Switching Power Supplies
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
   30W Medical Grade Switching Power Supplies
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com