Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5S30 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TAR5S30
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S30 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TAR5S30 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S30 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
3
TAR5S15~TAR5S22
Electrical Characteristic (unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA,
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <= VIN <= 15 V,
IOUT = 1 mA
3
15
mV
Load regulation
Reg・load
1 mA <= IOUT <= 150 mA
25
75
mV
IB1
IOUT = 0 mA
170
Quiescent current
IB2
IOUT = 50 mA
550
850
μA
Stand-by current
IB (OFF)
VCT = 0 V
0.1
μA
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
CNOISE = 0.01 μF, Ta = 25°C
30
μVrms
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
100
ppm/°C
Input voltage
VIN
2.4
15
V
Ripple rejection
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
CNOISE = 0.01 μF, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
70
dB
Control voltage (ON)
VCT (ON)
1.5
VIN
V
Control voltage (OFF)
VCT (OFF)
0.4
V
Control current (ON)
ICT (ON)
VCT = 1.5 V
3
10
μA
Control current (OFF)
ICT (OFF)
VCT = 0 V
0
0.1
μA
TAR5S23~TAR5S50
Electrical Characteristic (unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA,
CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table.
Line regulation
Reg・line
VOUT + 1 V <= VIN <= 15 V,
IOUT = 1 mA
3
15
mV
Load regulation
Reg・load
1 mA <= IOUT <= 150 mA
25
75
mV
IB1
IOUT = 0 mA
170
Quiescent current
IB2
IOUT = 50 mA
550
850
μA
Stand-by current
IB (OFF)
VCT = 0 V
0.1
μA
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz,
CNOISE = 0.01 μF, Ta = 25°C
30
μVrms
Dropout volatge
VIN − VOUT IOUT = 50 mA
130
200
mV
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
100
ppm/°C
Input voltage
VIN
VOUT
+ 0.2 V
15
V
Ripple rejection
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
CNOISE = 0.01 μF, f = 1 kHz,
VRipple = 500 mVp-p, Ta = 25°C
70
dB
Control voltage (ON)
VCT (ON)
1.5
VIN
V
Control voltage (OFF)
VCT (OFF)
0.4
V
Control current (ON)
ICT (ON)
VCT = 1.5 V
3
10
μA
Control current (OFF)
ICT (OFF)
VCT = 0 V
0
0.1
μA


Similar Part No. - TAR5S30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S30 TOSHIBA-TAR5S30 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S30U TOSHIBA-TAR5S30U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com