Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5S28 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TAR5S28
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S28 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TAR5S28 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 9Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 10Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 11Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 12Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 13Page - Toshiba Semiconductor TAR5S28 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
10
Output current IOUT (mA)
(TAR5S32)
IOUT – VOUT
Output current IOUT (mA)
(TAR5S33)
IOUT – VOUT
VIN = 4.3 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF, Pulse width = 1 ms
3.2
3.3
3.4
0
50
100
150
Ta
= 85°C
25
−40
Output current IOUT (mA)
(TAR5S45)
IOUT – VOUT
VIN = 5.5 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF, Pulse width = 1 ms
4.4
4.5
4.6
0
50
100
150
Ta
= 85°C
25
−40
Output current IOUT (mA)
(TAR5S50)
IOUT – VOUT
VIN = 6.0 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF Pulse width = 1 ms
4.9
5.0
5.1
0
50
100
150
Ta
= 85°C
25
−40
Output current IOUT (mA)
(TAR5S35)
IOUT – VOUT
VIN = 4.5 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF Pulse width = 1 ms
3.4
3.5
3.6
0
50
100
150
Ta
= 85°C
25
−40
Output current IOUT (mA)
(TAR5S48)
IOUT – VOUT
VIN = 5.8 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF Pulse width = 1 ms
4.7
4.8
4.9
0
50
100
150
Ta
= 85°C
25
−40
3.1
3.2
3.3
VIN = 4.2 V, CIN = 1 μF, COUT = 10 μF,
CNOISE = 0.01 μF, Pulse width = 1 ms
0
50
100
150
Ta
= 85°C
−40
25


Similar Part No. - TAR5S28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S28 TOSHIBA-TAR5S28 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S28U TOSHIBA-TAR5S28U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com