Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR8D01K Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TAR8D01K
Description  Dual Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR8D01K Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TAR8D01K Datasheet HTML 1Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 2Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 3Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 4Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 5Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 6Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 7Page - Toshiba Semiconductor TAR8D01K Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAR8D01K
2007-11-01
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
T A R 8 D 0 1 K
Dual Low-Dropout Regulator
TAR8D01K is a bipolar type 2-output power supply with a
control pin. ON and OFF can be switched using the control pin.
Features
• Include 2-LDO regulators. (2.5V, 2.8V)
• Output power supply can be independent control.
• Overtemperature/overcurrent protection.
• Very small 8-pin package.
Pin Assigment (top view)
Marking
8D01
Overtemperature protection and overcurrent protection function are not necessary of operating ratings below the
absolute maximum ratings.
Do not use device under conditions in which their absolute maximum ratings will be exceeded.
Weight: 0.01 g (typ.)
VOUT (A) = 2.5 V
VOUT (B) = 2.8 V
1
2
3
VOUT (A)
4
8
7
6
5
VIN
VOUT (B) CONT (B)
NOISE (A) NOISE (B) CONT (A) GND


Similar Part No. - TAR8D01K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR8D02K TOSHIBA-TAR8D02K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D04K TOSHIBA-TAR8D04K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D05K TOSHIBA-TAR8D05K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
More results

Similar Description - TAR8D01K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
   Low Dropout Dual Regulator
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com