Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5S15 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TAR5S15
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S15 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TAR5S15 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 9Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 10Page - Toshiba Semiconductor TAR5S15 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
7
5. Example of Characteristics when Ceramic Capacitor is Used
Shown below is the stable operation area, where the output voltage does not oscillate, evaluated using a
Toshiba evaluation circuit. The equivalent series resistance (ESR) of the output capacitor and output current
determines this area. TAR5Sxx Series devices operate stably even when a ceramic capacitor is used as the
output capacitor.
If a ceramic capacitor is used as the output capacitor and the ripple frequency is 30 kHz or more, the ripple
rejection differs from that when a tantalum capacitor is used. This is shown below.
Toshiba recommend that users check that devices operate stably under the intended conditions of use.
Examples of safe operating area characteristics
Evaluation Circuit for Stable Operating Area
Ripple Rejection Characteristic (f
= 10 kHz~300 kHz)
(TAR5S15) Stable Operating Area
Output current IOUT (mA)
(TAR5S50) Stable Operating Area
(TAR5S28) Stable Operating Area
Output current IOUT (mA)
Output current IOUT (mA)
(TAR5S30) Ripple Rejection – f
Frequency f (Hz)
TAR5S**
GND
CIN
Ceramic
VIN = VOUT
+ 1 V
CONTROL
CNOISE = 0.01 μF
ROUT
ESR
COUT
Ceramic
Capacitors used for evaluation
Made by Murata CIN: GRM40B105K
COUT: GRM40B105K/GRM40B106K
30
0
10
20
40
70
50
60
Ceramic
2.2
μF
10 k
300 k
100 k
Ceramic 10
μF
Tantalum10
μF
Tantalum 2.2
μF
Tantalum 1
μF
Ceramic
1
μF
@VIN = 4.0 V, CNOISE = 0.01 μF,
CIN = 1 μF, Vripple = 500 mVp-p,
Iout = 10 mA, Ta = 25°C
1000 k
80
40
0.02
0.1
1
10
100
0
20
150
60
120
100
140
@VIN = 2.5 V, CNOISE = 0.01 μF,
CIN = 1 μF, Cout = 1 μF~10 μF,
Ta
= 25°C
Stable Operating Area
80
40
0.02
0.1
1
10
100
020
150
60
120
100
140
@VIN = 6.0 V, CNOISE = 0.01 μF,
CIN = 1 μF, Cout = 1 μF~10 μF,
Ta
= 25°C
Stable Operating Area
80
40
0.02
0.1
1
10
100
0
20
150
60
120
100
140
@VIN = 3.8 V, CNOISE = 0.01 μF,
CIN = 1 μF, Cout = 1 μF~10 μF,
Ta
= 25°C
Stable Operating Area


Similar Part No. - TAR5S15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com